Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-5040G Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # TRS-5040G
Description  5V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-5040G Datasheet(HTML) 5 Page - Optoway Technology Inc

  TRS-5040G Datasheet HTML 1Page - Optoway Technology Inc TRS-5040G Datasheet HTML 2Page - Optoway Technology Inc TRS-5040G Datasheet HTML 3Page - Optoway Technology Inc TRS-5040G Datasheet HTML 4Page - Optoway Technology Inc TRS-5040G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
TRS-5040G
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1
/1/2006 V1.0
5
3) ST Type
RX OPTICAL
TX OPTICAL
TRS-5040TG / TRS-5040CTG
4) FC Type
TX OPTICAL
RX OPTICAL
10.18
34.5MAX
20.32
25.4
2.54*8
20.32
O1.3
12.7
TRS-5040FG / TRS-5040CFG
Note: Specifications subject to change without notice.


Similar Part No. - TRS-5040G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-5020AG OPTOWAY-TRS-5020AG Datasheet
159Kb / 5P
   5V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5020G OPTOWAY-TRS-5020G Datasheet
159Kb / 5P
   5V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-5040G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-5020G OPTOWAY-TRS-5020G Datasheet
159Kb / 5P
   5V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRM-5001G OPTOWAY-TRM-5001G Datasheet
151Kb / 5P
   5V / 1310 nm / 622 Mbps RoHS Compliant Optical Multi-Mode Transceiver
TRS-5140G OPTOWAY-TRS-5140G Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5120G OPTOWAY-TRS-5120G Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5280G OPTOWAY-TRS-5280G Datasheet
159Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5240G OPTOWAY-TRS-5240G Datasheet
155Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3050G OPTOWAY-TRS-3050G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3030G OPTOWAY-TRS-3030G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3080G OPTOWAY-TRS-3080G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3060G OPTOWAY-TRS-3060G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com