Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-3240G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRS-3240G
Description  5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-3240G Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRS-3240G Datasheet HTML 1Page - Optoway Technology Inc TRS-3240G Datasheet HTML 2Page - Optoway Technology Inc TRS-3240G Datasheet HTML 3Page - Optoway Technology Inc TRS-3240G Datasheet HTML 4Page - Optoway Technology Inc TRS-3240G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
TRS-3240G
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
1
TRS-3240G / TRS-3240TG / TRS-3240FG
5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
*********************************************************************************************************************************************************************
FEATURES
l Duplex SC Single Mode Transceiver: TRS-3240G
l Duplex ST Single Mode Transceiver: TRS-3240TG
l Duplex FC Single Mode Transceiver: TRS-3240FG
l Intermediate-Reach SONET OC-3 / SDH STM-1
Compliant
l 1550 nm DFB LD Transmitter
l Industry Standard 1 x 9 Footprint
l Single +5 V Power Supply
l RoHS Compliant
l PECL Signal Detection Output
l LED Multisourced 1 x 9 Transceiver Interchangeable
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM 155 Mbps Links
l SONET/SDH Equipment Interconnect
l Fast Ethernet 100 Mb/s Links
DESCRIPTION
The TRS-3240G series single mode transceivers is low
power, high performance module for bi-directional serial
optical data communications such as SONET OC-3 / SDH
STM-1 and Fast Ethernet. This module is designed for
single mode fiber and operates at a nominal wavelength of
1550 nm. The transmitter
section
uses
a
multiple
quantum well 1550 nm DFB laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC. A PECL logic interface
simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Voltage
(V)
Package
Temp.
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
TRS-3240G
155
40
1550 DFB
5
1X9 SC/ST/FC
0 to 70
0 to -10
-34
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
4.75
5
5.25
V
Operating Temperature
Topr
0
70
oC
Data Rate
155
Mb/s
Power Supply Current
Icc
240
mA


Similar Part No. - TRS-3240G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-32100-CXX0G OPTOWAY-TRS-32100-CXX0G Datasheet
141Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32100G OPTOWAY-TRS-32100G Datasheet
140Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32120-CXX0G OPTOWAY-TRS-32120-CXX0G Datasheet
141Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32120G OPTOWAY-TRS-32120G Datasheet
141Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3220G OPTOWAY-TRS-3220G Datasheet
141Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-3240G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-3220G OPTOWAY-TRS-3220G Datasheet
141Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3280G OPTOWAY-TRS-3280G Datasheet
141Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32100G OPTOWAY-TRS-32100G Datasheet
140Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32120G OPTOWAY-TRS-32120G Datasheet
141Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3320G OPTOWAY-TRS-3320G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33200G OPTOWAY-TRS-33200G Datasheet
105Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3380G OPTOWAY-TRS-3380G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33120G OPTOWAY-TRS-33120G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3340G OPTOWAY-TRS-3340G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33100G OPTOWAY-TRS-33100G Datasheet
134Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com