Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-3150G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRS-3150G
Description  3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-3150G Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRS-3150G Datasheet HTML 1Page - Optoway Technology Inc TRS-3150G Datasheet HTML 2Page - Optoway Technology Inc TRS-3150G Datasheet HTML 3Page - Optoway Technology Inc TRS-3150G Datasheet HTML 4Page - Optoway Technology Inc TRS-3150G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
TRS-3150G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
3
CONNECTION DIAGRAM
Receiver Signal Ground
1 (Rx GND)
Receiver Data Out
2 (RD+)
N/C
Receiver Data Out Bar
3 (RD
−)
Signal Detect
4 (SD)
Receiver Power Supply
5 (Rx Vcc)
TOP VIEW
Transmitter Power Supply
6 (Tx Vcc)
Transmitter Data In Bar
7 (TD
−)
Transmitter Data In
8 (TD+)
N/C
Transmitter Signal Ground
9 (Tx GND)
PIN
Symbol
Notes
1
Rx GND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
Rx Vcc
+3.3V dc power for the receiver section
6
Tx Vcc
+3.3V dc power for the transmitter section
7
TD
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
Tx GND
Directly connect this plan to the trransmitter ground plane
RECOMMENDED CIRCUIT SCHEMATIC
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power
supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc and Tx
Vcc. A GND plane under the module is required for good EMI and sensitivity performance.


Similar Part No. - TRS-3150G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-3120G OPTOWAY-TRS-3120G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3130AG OPTOWAY-TRS-3130AG Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3130G OPTOWAY-TRS-3130G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160AFG OPTOWAY-TRS-3160AFG Datasheet
131Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160AG OPTOWAY-TRS-3160AG Datasheet
131Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-3150G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-3160G OPTOWAY-TRS-3160G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160G OPTOWAY-TRS-3160G_06 Datasheet
131Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3130G OPTOWAY-TRS-3130G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3180G OPTOWAY-TRS-3180G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3120G OPTOWAY-TRS-3120G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRM-3102G OPTOWAY-TRM-3102G Datasheet
122Kb / 4P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
TRS-3050G OPTOWAY-TRS-3050G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3030G OPTOWAY-TRS-3030G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3080G OPTOWAY-TRS-3080G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3060G OPTOWAY-TRS-3060G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com