Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1113-BQFR Datasheet(PDF) 3 Page - ams AG

Part # AS1113-BQFR
Description  50mA, 16-Channel LED Driver with Diagnostics
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113-BQFR Datasheet(HTML) 3 Page - ams AG

  AS1113-BQFR Datasheet HTML 1Page - ams AG AS1113-BQFR Datasheet HTML 2Page - ams AG AS1113-BQFR Datasheet HTML 3Page - ams AG AS1113-BQFR Datasheet HTML 4Page - ams AG AS1113-BQFR Datasheet HTML 5Page - ams AG AS1113-BQFR Datasheet HTML 6Page - ams AG AS1113-BQFR Datasheet HTML 7Page - ams AG AS1113-BQFR Datasheet HTML 8Page - ams AG AS1113-BQFR Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.austriamicrosystems.com
Revision 1.00
3 - 24
AS1113
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
SSOP
QFN
1
24:27
GND
Ground
228
SDI
Serial Data Input
31
CLK
Serial Data Clock. The rising edge of the CLK signal is used to clock data
into and out of the AS1113 shift register. In error mode, the rising edge of the
CLK signal is used to switch error modes.
42
LD
Serial Data Load
5:20
3:10
12:19
OUTN0:15
Output Current Drivers. These pins are used as LED drivers or for input
sense for diagnostic modes. Data is transferred to the data register at the
rising edge of these pins.
21
20
OEN
Output Enable. The active-low pin OEN signal can always enable output
drivers to sink current independent of the AS1113 mode.
0 = Output drivers are enabled.
1 = Output drivers are disabled.
22
21
SDO
Serial Data Output. In normal mode SDO is latched out 8.5 clock cycles
after SDI is latched in.
In global error detection mode this pin indicates the occurrence of a global
error.
0 = Global error mode returned an error.
1 = No errors.
23
22
REXT
External Resistor Connection. This pin connects through the external
resistor (REXT) to GND, to setup the load current.
24
23
VDD
Positive Supply Voltage
-11
N/C
Not connected
1
AS1113
24-pin SSOP
24
2
3
4
5
23 22 21
17
8
7
6
20 19 18
9
13
12
11
10
16 15 14
SDO
10
21
OUTN13
17
8
CLK
1
OUTN0
3
OUTN4
7
AS1113
28-pin QFN 5x5
OUTN2
5
12
14
OUTN11
15
OUTN15
19
OEN
20
OUTN14
18
OUTN12
16
LD
2
OUTN1
4
OUTN3
6
13
11
9
26
28
24
22
23
25
27


Similar Part No. - AS1113-BQFR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS1113-BQFR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com