Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRML-9100FG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRML-9100FG
Description  3.3V / 850 nm / 2.5 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRML-9100FG Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRML-9100FG Datasheet HTML 1Page - Optoway Technology Inc TRML-9100FG Datasheet HTML 2Page - Optoway Technology Inc TRML-9100FG Datasheet HTML 3Page - Optoway Technology Inc TRML-9100FG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
TRML-9100FG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
4
PACKAGE DIAGRAM
Units in mm
1) Standard Case
TRML-9100FG / TRML-9100FAG
2) Extended Case
TRML-9100FEG / TRML-9100FAEG
Note: Specifications subject to change without notice.


Similar Part No. - TRML-9100FG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRML-9100AG OPTOWAY-TRML-9100AG Datasheet
112Kb / 4P
   3.3V / 850 nm / 2.5 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRML-9100AG OPTOWAY-TRML-9100AG Datasheet
112Kb / 4P
   3.3V / 850 nm / 2.5 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRML-9100G OPTOWAY-TRML-9100G Datasheet
112Kb / 4P
   3.3V / 850 nm / 2.5 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRML-9100G OPTOWAY-TRML-9100G Datasheet
112Kb / 4P
   3.3V / 850 nm / 2.5 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
More results

Similar Description - TRML-9100FG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRML-9100AG OPTOWAY-TRML-9100AG Datasheet
112Kb / 4P
   3.3V / 850 nm / 2.5 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRML-9100G OPTOWAY-TRML-9100G Datasheet
112Kb / 4P
   3.3V / 850 nm / 2.5 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRML-7100CG OPTOWAY-TRML-7100CG Datasheet
120Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRSL-9140G OPTOWAY-TRSL-9140G Datasheet
116Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340G OPTOWAY-TRSL-9340G Datasheet
124Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340G OPTOWAY-TRSL-9340G_11 Datasheet
113Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9102G OPTOWAY-TRSL-9102G_11 Datasheet
181Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380G OPTOWAY-TRSL-9380G_11 Datasheet
150Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9115G OPTOWAY-TRSL-9115G Datasheet
123Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380G OPTOWAY-TRSL-9380G Datasheet
115Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com