Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPS-9380FW-CXX0G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part No. SPS-9380FW-CXX0G
Description  3.3V / CWDM / 2.125 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOWAY [Optoway Technology Inc]
Homepage  http://www.optoway.com.tw
Logo 

SPS-9380FW-CXX0G Datasheet(HTML) 1 Page - Optoway Technology Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
SPS-9380FW-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
1
SPS-9380FW-CXX0G / SPS-9380BFW-CXX0G
(RoHS Compliant)
3.3V / CWDM / 2.125 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l 18 Wavelength (λ): 1270 nm to 1610 nm CWDM DFB
LD Transmitter
l Compliant with IEEE 802.3z 1000BASE
l Compliant with Fibre Channel 1X/2X SM-LC-L FC-PI
l SFF-8472 Digital Diagnostic Function
l 23 dB Power Budget at Least
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-9380FW-CXX0G
l -5 to 85oC Operation: SPS-9380BFW-CXX0G
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l XDSL Applications
l Metro Edge Switching
DESCRIPTION
The SPS-9380FW-CXX0G series single mode transceivers
is small form factor pluggable module for bi-directional
serial optical data communications such as Gigabit Ethernet
1000BASE and Fibre Channel 1Xx/2X SM-LC-L FC-PI. It
is with the SFP 20-pin connector to allow hot plug
capability. Digital diagnostic functions are available via an
I
2C. This module is designed for single mode fiber and
operates at a nominal wavelength of CWDM wavelength.
There are eighteen center wavelengths available from 1270
nm to 1610 nm, with each step 20 nm. A guaranteed
minimum optical link budget of 23 dB is offered The
transmitter section uses a multiple quantum well CWDM
DFB laser and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Power
Budget
(dB)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-9380FW-CXX0G
2.125/1.063
200/100
> 23
CWDM*
LC SFP with DMI
0 to 70
5 to 0
-23
Yes
SPS-9380BFW-CXX0G
2.125/1.063
200/100
> 23
CWDM*
LC SFP with DMI
-5 to 85
5 to 0
-23
Yes
CWDM* Wavelength (0 to 70
oC)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
-C270
1264.5
1270
1277.5
-C450
1444.5
1450
1457.5
-C290
1284.5
1290
1297.5
-C470
1464.5
1470
1477.5
-C310
1304.5
1310
1317.5
-C490
1484.5
1490
1497.5
-C330
1324.5
1330
1337.5
-C510
1504.5
1510
1517.5
-C350
1344.5
1350
1357.5
-C530
1524.5
1530
1537.5
-C370
1364.5
1370
1377.5
-C550
1544.5
1550
1557.5
-C390
1384.5
1390
1397.5
-C570
1564.5
1570
1577.5
-C410
1404.5
1410
1417.5
-C590
1584.5
1590
1597.5
-C430
1424.5
1430
1437.5
-C610
1604.5
1610
1617.5
CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn