Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9340M-CXX0G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9340M-CXX0G
Description  3.3V / CWDM / Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9340M-CXX0G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9340M-CXX0G Datasheet HTML 1Page - Optoway Technology Inc SPS-9340M-CXX0G Datasheet HTML 2Page - Optoway Technology Inc SPS-9340M-CXX0G Datasheet HTML 3Page - Optoway Technology Inc SPS-9340M-CXX0G Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
SPS-9340M-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
1
SPS-9340M-CXX0G / SPS-9340BM-CXX0G (RoHS Compliant)
3.3V / CWDM / Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Speed up to 2.67 Gb/s
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l 18 Wavelength (λ): 1270 nm to 1610 nm CWDM DFB
LD Transmitter
l Compliant with SONET OC-48 IR / SDH STM-16
l Compliant with Fibre Channel 1X/2X SM-LC-L FC-PI
l Compliant with IEEE 802.3z 1000BASE
l Multi-rate Operation
l 18 dB Power Budget at Least
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-9340M-CXX0G
l -5 to 85oC Operation: SPS-9340BM-CXX0G
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SONET OC-48 / SDH STM-16
l SONET OC-12 / SDH STM-4
l SONET OC-3 / SDH STM-1
l Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPS-9340M-CXX0G series single mode transceivers is
small form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-48 / SDH
STM-16, Gigabit Ethernet 1000BASE and Fibre Channel
1X/2X SM-LC-L FC-PI. It is with the SFP 20-pin connector
to allow hot plug capability. This module is designed for
single mode fiber and operates at a nominal wavelength of
CWDM wavelength. There are eighteen center wavelengths
available from 1270 nm to 1610 nm, with each step 20 nm.
A guaranteed minimum optical link budget of 18 dB is
offered The transmitter section uses a multiple quantum
well CWDM DFB laser and is a class 1 laser compliant
according to International Safety Standard IEC-60825. The
receiver section uses an integrated InGaAs detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Power
Budget
(dB)
Wavelength
(nm)
Package
Case
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-9340M-CXX0G
Multirate* IR-2/S-16.2
> 18
CWDM*
LC SFP
0 to 70
3 to -2
-20
Yes
SPS-9340BM-CXX0G Multirate* IR-2/S-16.2
> 18
CWDM*
LC SFP
-5 to 85
3 to -2
-20
Yes
CWDM* Wavelength (0 to 70
oC)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
-C270
1264.5
1270
1277.5
-C450
1444.5
1450
1457.5
-C290
1284.5
1290
1297.5
-C470
1464.5
1470
1477.5
-C310
1304.5
1310
1317.5
-C490
1484.5
1490
1497.5
-C330
1324.5
1330
1337.5
-C510
1504.5
1510
1517.5
-C350
1344.5
1350
1357.5
-C530
1524.5
1530
1537.5
-C370
1364.5
1370
1377.5
-C550
1544.5
1550
1557.5
-C390
1384.5
1390
1397.5
-C570
1564.5
1570
1577.5
-C410
1404.5
1410
1417.5
-C590
1584.5
1590
1597.5
-C430
1424.5
1430
1437.5
-C610
1604.5
1610
1617.5
CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.


Similar Part No. - SPS-9340M-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G Datasheet
150Kb / 5P
   3.3V / CWDM / Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G_15 Datasheet
150Kb / 5P
   Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G_2015 OPTOWAY-SPS-9340M-CXX0G_2015 Datasheet
150Kb / 5P
   Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9340M-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MW-CXX0G OPTOWAY-SPS-9340MW-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Mutlirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MW-CXX0G OPTOWAY-SPS-9340MW-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM/ Mutlirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G_2015 OPTOWAY-SPS-9340M-CXX0G_2015 Datasheet
150Kb / 5P
   Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G_15 Datasheet
150Kb / 5P
   Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com