Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XTL1005 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part No. XTL1005
Description  9.84375 MHz Crystal Unit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFM [RF Monolithics, Inc]
Homepage  http://www.rfm.com
Logo 

XTL1005 Datasheet(HTML) 2 Page - RF Monolithics, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9.84375 MHz
Crystal Unit
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
XTL1005-10/1/07 Ver. 0.1
2.2 ±0.1
1.7 ±0.1
Dot Indicates Pin 1
Pin
Connection
1
GND
2
IN/OUT
3
GND
4
IN/OUT
5.0 ±0.1
1.2 ±0.1
2.4 ±0.2
pin 2
pin 3
pin 4
pin 1
4-Terminal Surface-Mount Seam Weld Case
5.0 x 3.2 mm Nominal Footprint
SM5032-4 Case
Footprint (mm)
Package Orientation in Carrier Tape
Electrical Connections
Package Dimensions (mm)
Note: Pin #1 & #3 is connected to metal cap on top
Top View
Side View
Bottom View


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn