Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG3032M14-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # NESG3032M14-A
Description  NPN SILICON GERMANIUM RF TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG3032M14-A Datasheet(HTML) 2 Page - California Eastern Labs

  NESG3032M14-A Datasheet HTML 1Page - California Eastern Labs NESG3032M14-A Datasheet HTML 2Page - California Eastern Labs NESG3032M14-A Datasheet HTML 3Page - California Eastern Labs NESG3032M14-A Datasheet HTML 4Page - California Eastern Labs NESG3032M14-A Datasheet HTML 5Page - California Eastern Labs NESG3032M14-A Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
100
nA
DC Current Gain
hFE
Note 1
VCE = 2 V, IC = 6 mA
220
300
380
RF Characteristics
Insertion Power Gain
⏐S21e2 VCE = 2 V, IC = 15 mA, f = 2.0 GHz
15.0
17.5
dB
Noise Figure
NF
VCE = 2 V, IC = 6 mA, f = 2.0 GHz,
ZS = ZSopt, ZL = ZLopt
0.60
0.85
dB
Associated Gain
Ga
VCE = 2 V, IC = 6 mA, f = 2.0 GHz,
ZS = ZSopt, ZL = ZLopt
17.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 2 V, IE = 0 mA, f = 1 MHz
0.15
0.25
pF
Maximum Stable Power Gain
MSG
Note
3
VCE = 2 V, IC = 15 mA, f = 2.0 GHz
17.5
20.5
dB
Gain 1 dB Compression Output Power
PO (1 dB)
VCE = 3 V, IC (set) = 20 mA,
f = 2.0 GHz, ZS = ZSopt, ZL = ZLopt
12.5
dBm
3rd Order Intermodulation Distortion
Output Intercept Point
OIP3
VCE = 3 V, IC (set) = 20 mA,
f = 2.0 GHz, ZS = ZSopt, ZL = ZLopt
24.0
dBm
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
3. MSG =
hFE CLASSIFICATION
Rank
FB
Marking
zN
hFE Value
220 to 380
S-PARAMETERS
S-parameters/Noise parameters are provided on the NEC Compound Semiconductor Devices Web site in a form
(S2P) that enables direct import to a microwave circuit simulator without keyboard input.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.ncsd.necel.com/
S21
S12
Data Sheet PU10575EJ01V0DS
2
NESG3032M14


Similar Part No. - NESG3032M14-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG3032M14-A RENESAS-NESG3032M14-A Datasheet
168Kb / 15P
   NPN SiGe RF Transistor for Low Noise, High-Gain
More results

Similar Description - NESG3032M14-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com