Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16R135B Datasheet(PDF) 4 Page - Littelfuse

Part # 16R135B
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R135B Datasheet(HTML) 4 Page - Littelfuse

  16R135B Datasheet HTML 1Page - Littelfuse 16R135B Datasheet HTML 2Page - Littelfuse 16R135B Datasheet HTML 3Page - Littelfuse 16R135B Datasheet HTML 4Page - Littelfuse 16R135B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
USBR Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Part
Number
A
B
C
D
E
Physical Characteristics
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Lead (dia)
Material
Figure
Max.
Max.
Max.
Max.
Typ.
Typ.
Min.
Min.
Max.
Max. Inches
mm
06R075B
0.27
6.9
0.45
11.4
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/Cu
1
06R120B
0.27
6.9
0.46
11.7
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
1
06R155B
0.27
6.9
0.46
11.7
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
1
16R090B
0.29
7.4
0.48
12.2
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R110B
0.29
7.4
0.56
14.2
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R135B
0.35
8.9
0.53
13.5
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R160B
0.35
8.9
0.60
15.2
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R185B
0.40
10.2
0.62
15.7
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R250B
0.45
11.4
0.72
18.3
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
Dimensions (mm)
Figure 
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Part Marking System
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark


Similar Part No. - 16R135B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R1000G LITTELFUSE-16R1000G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R1000GF LITTELFUSE-16R1000GF Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 16R135B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com