Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28226DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28226DR
Description  High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS28226DR Datasheet(HTML) 4 Page - Texas Instruments

  TPS28226DR Datasheet HTML 1Page - Texas Instruments TPS28226DR Datasheet HTML 2Page - Texas Instruments TPS28226DR Datasheet HTML 3Page - Texas Instruments TPS28226DR Datasheet HTML 4Page - Texas Instruments TPS28226DR Datasheet HTML 5Page - Texas Instruments TPS28226DR Datasheet HTML 6Page - Texas Instruments TPS28226DR Datasheet HTML 7Page - Texas Instruments TPS28226DR Datasheet HTML 8Page - Texas Instruments TPS28226DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
5
4
7
3
8
1
2
2
BOOT
UGATE
PHASE
LGATE
GND
1
8
5
4
6 VDD
EN/PG
7
PWM
3
2
BOOT
UGATE
PHASE
LGATE
GND
1
8
5
4
6 VDD
EN/PG
7
PWM
3
VIN
PWM 4
GND
VOUT
PWM1
8
PWM3
Enable
PWM2
To Driver
To Driver
GNDS
To Controller
CSCN
CS 4
To Controller
CS 1
VC (6.8 V to 8 V)
VIN (3 V to 32 V − VDD)
TPS28226
TPS28226
VOUT
TPS28226
SLUS791 – OCTOBER 2007
TYPICAL APPLICATIONS (continued)
Multi-Phase Synchronous Buck Converter
ORDERING INFORMATION(1)(2)(3)
PART NUMBER
TEMPERATURE RANGE, TA = TJ
PACKAGE
TAPE AND REEL QTY.
TPS28226
Plastic 8-pin SOIC (D)
75 per tube
TPS28226D
Plastic 8-pin SOIC (D)
2500
TPS28226DR
-40C to 125C
Plastic 8-pin DFN (DRB)
250
TPS28226DRBT
Plastic 8-pin DFN (DRB)
3000
TPS28226DRBR
(1)
SOIC-8 (D) and DFN-8 (DRB) packages are available taped and reeled. Add T suffix to device type (e.g. TPS28226DRBT) to order
taped devices and suffix R (e.g. TPS28226DRBR) to device type to order reeled devices.
(2)
The SOIC-8 (D) and DFN-8 (DRB) package uses in Pb-Free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255C to
260C peak reflow temperature to be compatible with either lead free or Sn/Pb soldering operations.
(3)
In the DFN package, the pad underneath the center of the device is a thermal substrate. The PCB “thermal land” design for this
exposed die pad should include thermal vias that drop down and connect to one or more buried copper plane(s). This combination of
vias for vertical heat escape and buried planes for heat spreading allows the DFN to achieve its full thermal potential. This pad should
be either grounded for best noise immunity, and it should not be connected to other nodes.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS28226


Similar Part No. - TPS28226DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226DR TI1-TPS28226DR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI1-TPS28226DRBR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI1-TPS28226DRBT Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28226DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com