Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-7110AWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-7110AWG
Description  3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-7110AWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-7110AWG Datasheet HTML 1Page - Optoway Technology Inc SPS-7110AWG Datasheet HTML 2Page - Optoway Technology Inc SPS-7110AWG Datasheet HTML 3Page - Optoway Technology Inc SPS-7110AWG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
SPS-7110WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
1
SPS-7110WG / SPS-7110AWG
(RoHS Compliant)
3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with IEEE 802.3z 1000BASE-LX
l Compliant with Fibre Channel 1x SM-LC-L FC-PI
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Distance up to 10 km
l Single +3.3 V Power Supply
l RoHS Compliant
l -10 to 85oC Operation: SPS-7110WG
l -40 to 85oC Operation: SPS-7110AWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Gigabit Ethernet Switches and Routers
l Fibre Channel Switch Infrastructure
l XDSL Applications
l Metro Edge Switching
DESCRIPTION
The SPS-7110WG series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as Gigabit Ethernet
1000BASE-LX and Fibre Channel 1x SM-LC-L FC-PI. It is
with the SFP 20-pin connector to allow hot plug capability.
Digital diagnostic functions are available via an I
2C. This
module is designed for single mode fiber and operates at a
nominal wavelength of 1310 nm. The transmitter section
uses a multiple quantum well laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
1000
BASE
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-7110WG
1.25
LX / LH
10
1310
LC SFP with DMI
-10 to 85
-3 to -9.5
-21
Yes
SPS-7110AWG
1.25
LX / LH
10
1310
LC SFP with DMI
-40 to 85
-3 to -9.5
-21
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
-10
-40
85
85
oC
SPS-7110WG
SPS-7110AWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
-10
-40
85
85
oC / SPS-7110WG
oC / SPS-7110AWG
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
100
1250
Mb/s


Similar Part No. - SPS-7110AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110AWG OPTOWAY-SPS-7110AWG Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-7110AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7120WG OPTOWAY-SPS-7120WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7110WG OPTOWAY-SPS-7110WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7111WG OPTOWAY-SPS-7111WG_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130WG OPTOWAY-SPS-7130WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7140WG OPTOWAY-SPS-7140WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7120WG OPTOWAY-SPS-7120WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130WG OPTOWAY-SPS-7130WG_08 Datasheet
149Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7111WG OPTOWAY-SPS-7111WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7140WG OPTOWAY-SPS-7140WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7111G OPTOWAY-SPS-7111G Datasheet
148Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com