Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1500S_L Datasheet(PDF) 2 Page - Littelfuse

Part # P1500S_L
Description  SIDACtor짰 Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1500S_L Datasheet(HTML) 2 Page - Littelfuse

  P1500S_L Datasheet HTML 1Page - Littelfuse P1500S_L Datasheet HTML 2Page - Littelfuse P1500S_L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIDACtor® Device
Telecom Design Guide • © 2006 Littelfuse
3 - 3
www.littelfuse.com
* [A/B] in part number indicates that values are for both A and B surge ratings.
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
DO-214AA
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
90
°C/W
Capacitance Values
Part Number *
pF
MIN
MAX
P0080S[A/B]L
25
150
P0080SCL
35
260
P0220SAL
25
150
P0220SBL
25
150
P0220SCL
30
240
P0300S[A/B]L
15
140
P0300SCL
25
250
P0640S[A/B]L
40
60
P0640SCL
55
155
P0720SAL
35
60
P0720SBL
35
75
P0720SCL
50
150
P0900SAL
35
55
P0900SBL
35
70
P0900SCL
45
140
P1100SAL
30
50
P1100SBL
30
70
P1100SCL
45
115
P1300SAL
25
45
P1300SBL
25
60
P1300SCL
40
105
P1500SAL
25
40
P1500SBL
25
55
P1500SCL
35
95
P1800SAL
25
35
P1800SBL
25
50
P1800SCL
35
90
P2100S[A/B]L
20
35
P2100SCL
30
90
P2300SAL
25
35
P2300SBL
25
50
P2300SCL
30
80
P2600SAL
20
35
P2600SBL
20
45
P2600SCL
30
80
P3100SAL
20
35
P3100SBL
20
45
P3100SCL
30
70
P3500SAL
20
35
P3500SBL
20
40
P3500SCL
25
65


Similar Part No. - P1500S_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1500SAL LITTELFUSE-P1500SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
logo
MDE Semiconductor, Inc.
P1500SAL MDE-P1500SAL Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P1500SAL MDE-P1500SAL Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
logo
Littelfuse
P1500SALRP LITTELFUSE-P1500SALRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P1500SALRP HUAXINAN-P1500SALRP Datasheet
673Kb / 8P
   Protection Thyristor
More results

Similar Description - P1500S_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080E_L LITTELFUSE-P0080E_L Datasheet
149Kb / 3P
   SIDACtor짰 Device
T10C080B LITTELFUSE-T10C080B Datasheet
146Kb / 2P
   SIDACtor짰 Device
P0080SCMCL LITTELFUSE-P0080SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
P0080SBMCLRP LITTELFUSE-P0080SBMCLRP Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
148Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP Datasheet
441Kb / 4P
   Q2L Series (C-Rated) SIDACtor짰 Device
P0080SDL LITTELFUSE-P0080SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P1500MEL LITTELFUSE-P1500MEL Datasheet
151Kb / 2P
   CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device
P1500NEL LITTELFUSE-P1500NEL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
P1500REL LITTELFUSE-P1500REL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com