Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1301U_L Datasheet(PDF) 3 Page - Littelfuse

Part # P1301U_L
Description  Multiport SLIC Protector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1301U_L Datasheet(HTML) 3 Page - Littelfuse

  P1301U_L Datasheet HTML 1Page - Littelfuse P1301U_L Datasheet HTML 2Page - Littelfuse P1301U_L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Multiport SLIC Protector
Telecom Design Guide • © 2006 Littelfuse
3 - 73
www.littelfuse.com
IH
IDRM
VDRM
VT
+V
+I
VS
IS
IT
VF
-V
-I
V-I Characteristics
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (µs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
tr x td Pulse Waveform
-8
-40 -20
0
20
40 60
80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (T
J) – ˚C
25 ˚C
Normalized VS Change versus Junction Temperature
0.4
-40 -20
0
20 40 60 80 100 120 140 160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C) – ˚C
25 ˚C
Normalized DC Holding Current versus Case Temperature


Similar Part No. - P1301U_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1301UAL LITTELFUSE-P1301UAL Datasheet
165Kb / 3P
   Multiport SLIC Protector
P1301UALXX LITTELFUSE-P1301UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
P1301UCL LITTELFUSE-P1301UCL Datasheet
165Kb / 3P
   Multiport SLIC Protector
P1301UCLXX LITTELFUSE-P1301UCLXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
More results

Similar Description - P1301U_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
   Multiport SLIC Protector
B1100C_L LITTELFUSE-B1100C_L Datasheet
153Kb / 3P
   SLIC Protector
P0641CA2 LITTELFUSE-P0641CA2 Datasheet
118Kb / 2P
   Twin SLIC Protector
B1160CARP LITTELFUSE-B1160CARP Datasheet
132Kb / 2P
   Battrax SLIC Protector
B1160CCRP LITTELFUSE-B1160CCRP Datasheet
132Kb / 2P
   Battrax SLIC Protector
logo
Bourns Electronic Solut...
TISP61089M BOURNS-TISP61089M Datasheet
398Kb / 6P
   TISP61089M SLIC Overvoltage Protector
logo
Littelfuse
P0641A_2L LITTELFUSE-P0641A_2L Datasheet
151Kb / 3P
   Two-chip SLIC Protector
P0641S_L LITTELFUSE-P0641S_L Datasheet
148Kb / 3P
   Fixed Voltage SLIC Protector
P0641SCRP LITTELFUSE-P0641SCRP Datasheet
123Kb / 2P
   Fixed Voltage SLIC Protector
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com