Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0721U_L Datasheet(PDF) 2 Page - Littelfuse

Part # P0721U_L
Description  Multiport SLIC Protector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0721U_L Datasheet(HTML) 2 Page - Littelfuse

  P0721U_L Datasheet HTML 1Page - Littelfuse P0721U_L Datasheet HTML 2Page - Littelfuse P0721U_L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.littelfuse.com
3 - 72
© 2006 Littelfuse • Telecom Design Guide
Multiport SLIC Protector
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
Modified MS-013
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
60
°C/W
Capacitance Values
Part Number
pF
Pin 1-2 / 3-2 (4-5 / 6-5)
Tip-Ground, Ring-Ground
pF
Pin 1-3 (4-6)
Tip-Ring
MIN
MAX
MIN
MAX
P0641UAL
50
200
20
105
P0641UCL
65
200
20
105
P0721UAL
45
190
20
105
P0721UCL
60
190
20
105
P0901UAL
45
180
20
105
P0901UCL
60
180
20
105
P1101UAL
40
160
15
105
P1101UCL
50
160
15
105
P1301UAL
40
160
15
105
P1301UCL
50
160
15
105
P1701UAL
30
125
15
80
P1701UCL
40
125
15
80
1
2
3
6
5
4


Similar Part No. - P0721U_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0721UAL LITTELFUSE-P0721UAL Datasheet
165Kb / 3P
   Multiport SLIC Protector
P0721UALXX LITTELFUSE-P0721UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
P0721UCL LITTELFUSE-P0721UCL Datasheet
165Kb / 3P
   Multiport SLIC Protector
P0721UCLXX LITTELFUSE-P0721UCLXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
More results

Similar Description - P0721U_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
   Multiport SLIC Protector
B1100C_L LITTELFUSE-B1100C_L Datasheet
153Kb / 3P
   SLIC Protector
P0641CA2 LITTELFUSE-P0641CA2 Datasheet
118Kb / 2P
   Twin SLIC Protector
B1160CARP LITTELFUSE-B1160CARP Datasheet
132Kb / 2P
   Battrax SLIC Protector
B1160CCRP LITTELFUSE-B1160CCRP Datasheet
132Kb / 2P
   Battrax SLIC Protector
logo
Bourns Electronic Solut...
TISP61089M BOURNS-TISP61089M Datasheet
398Kb / 6P
   TISP61089M SLIC Overvoltage Protector
logo
Littelfuse
P0641A_2L LITTELFUSE-P0641A_2L Datasheet
151Kb / 3P
   Two-chip SLIC Protector
P0641S_L LITTELFUSE-P0641S_L Datasheet
148Kb / 3P
   Fixed Voltage SLIC Protector
P0641SCRP LITTELFUSE-P0641SCRP Datasheet
123Kb / 2P
   Fixed Voltage SLIC Protector
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com