Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0640SDL Datasheet(PDF) 2 Page - Littelfuse

Part # P0640SDL
Description  High Surge Current (D-rated) SIDACtor짰 Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0640SDL Datasheet(HTML) 2 Page - Littelfuse

  P0640SDL Datasheet HTML 1Page - Littelfuse P0640SDL Datasheet HTML 2Page - Littelfuse P0640SDL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Surge Current (D-rated) SIDACtor® Device
Telecom Design Guide • © 2006 Littelfuse
3 - 11
www.littelfuse.com
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
DO-214AA
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
90
°C/W
Capacitance Values
Part Number
pF
MIN
MAX
P0080SDL
50
110
P0640SDL
100
160
P0720SDL
100
150
P0900SDL
95
140
P1100SDL
75
115
P1300SDL
65
100
P1500SDL
60
90
P1800SDL
50
90
P2300SDL
50
80
P2600SDL
50
75
P3100SDL
45
70
P3500SDL
45
65


Similar Part No. - P0640SDL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0640SDL LITTELFUSE-P0640SDL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P0640SDLRP LITTELFUSE-P0640SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
More results

Similar Description - P0640SDL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080SD LITTELFUSE-P0080SD Datasheet
122Kb / 2P
   High Surge Current (D-rated) SIDACtor Device
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP Datasheet
441Kb / 4P
   Q2L Series (C-Rated) SIDACtor짰 Device
P0080E_L LITTELFUSE-P0080E_L Datasheet
149Kb / 3P
   SIDACtor짰 Device
P0080S_L LITTELFUSE-P0080S_L Datasheet
151Kb / 3P
   SIDACtor짰 Device
T10C080B LITTELFUSE-T10C080B Datasheet
146Kb / 2P
   SIDACtor짰 Device
P6002AD LITTELFUSE-P6002AD Datasheet
123Kb / 2P
   High Surge Current SIDACtor Device
P0080SCMCL LITTELFUSE-P0080SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
P0080SBMCLRP LITTELFUSE-P0080SBMCLRP Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
148Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
logo
Yea Shin Technology Co....
YSCKSD130DT4 YEASHIN-YSCKSD130DT4 Datasheet
812Kb / 3P
   HIGH CURRENT SURGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com