Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPM-9600WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part No. SPM-9600WG
Description  1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9600WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-9600WG Datasheet HTML 1Page - Optoway Technology Inc SPM-9600WG Datasheet HTML 2Page - Optoway Technology Inc SPM-9600WG Datasheet HTML 3Page - Optoway Technology Inc SPM-9600WG Datasheet HTML 4Page - Optoway Technology Inc SPM-9600WG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPM-9600WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPM-9600WG / SPM-9600BWG / SPM-9600AWG
(SC BIDI SFP) (RoHS Compliant)
SPM-9600LWG / SPM-9600BLWG / SPM-9600ALWG
(LC BIDI SFP)
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPM-9600WG
l Simplex LC Connector: SPM-9600LWG
l Tri-rate for OC-48 / STM-16, Gigabit Ethernet
1000BASE & Fibre Channel
l SFF-8472 Digital Diagnostic Function
l 1310 nm LD Transmitter
l 1550 nm Receiver
l 300 m link for Multi-mode Fiber
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l 0 to 70oC Operation: SPM-9600WG
l -10 to 85oC Operation: SPM-9600BWG
l -40 to 85oC Operation: SPM-9600AWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l Gigabit Ethernet Interconnect
l Fibre Channel Links
DESCRIPTION
The SPM-9600WG series is high performance multi-mode
module for OC-48 / STM-16 and Gigabit Ethernet
1000BASE fiber communications by using 1310 nm
transmitter and 1550 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. The transmitter section
uses a multiple quantum well 1310 nm laser and is a class
1 laser compliant according to International Safety Standard
IEC 60825. The receiver section uses an integrated 1550 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(m)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX
Power
(dBm)
RX
Sens.
(dBm)
RoHS
Compliant
SPM-9600WG
2.5
300
1310
1550
SC SFP with DMI
0 to 70
0 to -9
-15
Yes
SPM-9600BWG
2.5
300
1310
1550
SC SFP with DMI
-10 to 85
0 to -9
-15
Yes
SPM-9600AWG
2.5
300
1310
1550
SC SFP with DMI
-40 to 85
0 to -9
-15
Yes
SPM-9600LWG
2.5
300
1310
1550
LC SFP with DMI
0 to 70
0 to -9
-15
Yes
SPM-9600BLWG
2.5
300
1310
1550
LC SFP with DMI
-10 to 85
0 to -9
-15
Yes
SPM-9600ALWG
2.5
300
1310
1550
LC SFP with DMI
-40 to 85
0 to -9
-15
Yes


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn