Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPM-9600G Datasheet(PDF) 5 Page - Optoway Technology Inc

Part No. SPM-9600G
Description  1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOWAY [Optoway Technology Inc]
Homepage  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9600G Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPM-9600G Datasheet HTML 1Page - Optoway Technology Inc SPM-9600G Datasheet HTML 2Page - Optoway Technology Inc SPM-9600G Datasheet HTML 3Page - Optoway Technology Inc SPM-9600G Datasheet HTML 4Page - Optoway Technology Inc SPM-9600G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPM-9600G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2006 V2.0
5
PACKAGE DIAGRAM
Units in mm
A) SC SFP
A) LC SFP
NOTE: SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn