Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2000S_L Datasheet(PDF) 1 Page - Littelfuse

Part # P2000S_L
Description  LCAS Asymmetrical Discrete Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000S_L Datasheet(HTML) 1 Page - Littelfuse

  P2000S_L Datasheet HTML 1Page - Littelfuse P2000S_L Datasheet HTML 2Page - Littelfuse P2000S_L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
oHS
www.littelfuse.com
3 - 60
© 2006 Littelfuse • Telecom Design Guide
LCAS Asymmetrical Discrete Device
These DO-214AA SIDACtor® devices are intended for LCAS (Line Circuit Access Switch)
applications that require asymmetrical protection in discrete (individual) packages. They
enable the protected equipment to meet various regulatory requirements including
GR 1089, ITU K.20, K.21, K.45, IEG 60950, UL 60950, and TIA-968-A (formerly known as
FCC Part 68).
* “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number.
For individual “SA”, “SB”, and “SC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor® devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
* Current waveform in µs
** Voltage waveform in µs
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
P1200S_L
100
130
4
5
800
2.2
120
P2000S_L
180
220
4
5
800
2.2
120
P2500S_L
230
290
4
5
800
2.2
120
Surge Ratings in Amps
IPP
ITSM
50 / 60 Hz
di/dt
0.2x310 *
0.5x700 **
2x10 *
2x10 **
8x20 *
1.2x50 **
10x160 *
10x160 **
10x560 *
10x560 **
5x320 *
9x720 **
10x360 *
10x360 **
10x1000 *
10x1000 **
5x310 *
10x700 **
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
20
150
150
90
50
75
75
45
75
20
500
B
25
250
250
150
100
100
125
80
100
30
500
C
50
500
400
200
150
200
175
100
200
50
500
¨


Similar Part No. - P2000S_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2000SAL LITTELFUSE-P2000SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P2000SALRP LITTELFUSE-P2000SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
logo
Littelfuse
P2000SBL LITTELFUSE-P2000SBL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P2000SBLRP LITTELFUSE-P2000SBLRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
More results

Similar Description - P2000S_L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN7G02FU TOSHIBA-HN7G02FU Datasheet
163Kb / 6P
   Multi Chip Discrete Device
HN7G01FU TOSHIBA-HN7G01FU Datasheet
185Kb / 5P
   TOSHIBA Multi Chip Discrete Device
HN2E04F TOSHIBA-HN2E04F_14 Datasheet
335Kb / 8P
   TOSHIBA MULTI CHIP DISCRETE DEVICE
logo
Bourns Electronic Solut...
TISP4A270H3BJ BOURNS-TISP4A270H3BJ Datasheet
236Kb / 11P
   LCAS R LINE Protector
logo
Applied Power Microelec...
ASM1235 APMICRO-ASM1235 Datasheet
479Kb / 5P
   Asymmetrical TVS Diode
ASM712H APMICRO-ASM712H Datasheet
637Kb / 6P
   Asymmetrical TVS Diode
logo
TECH PUBLIC Electronics...
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
   Asymmetrical TVS Diode
logo
List of Unclassifed Man...
DCB01CM24 ETC2-DCB01CM24 Datasheet
110Kb / 3P
   Timers Asymmetrical Recycler
logo
Carlo Gavazzi Holding A...
DCB01 CARLOGAVAZZI-DCB01 Datasheet
112Kb / 3P
   Timers Asymmetrical Recycler
logo
Toshiba Semiconductor
HN2E05J TOSHIBA-HN2E05J Datasheet
250Kb / 6P
   MULTI CHIP DISCRETE DEVICE Super High Speed Switching Application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com