Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ75A Datasheet(PDF) 2 Page - First Components International

Part # SMCJ75A
Description  5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SMCJ75A Datasheet(HTML) 2 Page - First Components International

  SMCJ75A Datasheet HTML 1Page - First Components International SMCJ75A Datasheet HTML 2Page - First Components International SMCJ75A Datasheet HTML 3Page - First Components International SMCJ75A Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
5.0V to 170V SMD TRANSIENT
VOLTAGE SUPPRESSORS
Page 45
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Fig. 1 Pulse Rating Curve
Fig. 4 Typical Junction Capacitance
Breakdown Voltage (Volts)
Fig. 2 Pulse Derating Curve
T
A = Ambient Temperature (°
°°°°C)
Fig. 5 Steady State Power Derating
T
L = Terminal Temperature (°
°°°°C)
Fig. 3 Pulse Waveform
Fig. 6 Maximum Non-Repetitive
Surge Current
Number of Cycles @ 60 Hz
Measured @
Zero Bias
t
r = 10µs
Peak Value
I
RSM
Pulse Width is defined
as that point where the
Peak Current decays to
50% of I
RSM
T = Time ( ms)
Measured @
Standoff Voltage
8.3ms Single Half Sine Wave
JEDEC Method
Pulse Width (Sec.)


Similar Part No. - SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMCJ75A YANGJIE-SMCJ75A Datasheet
198Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Guangdong Youtai Semico...
SMCJ75A UMW-SMCJ75A Datasheet
558Kb / 3P
   5V-188V 1500W
logo
Dc Components
SMCJ75A DCCOM-SMCJ75A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ75A VISHAY-SMCJ75A Datasheet
114Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Ruilongyuan Electronics...
SMCJ75A RUILON-SMCJ75A Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ75A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
First Components Intern...
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
Guangdong Youtai Semico...
SMF5.0A UMW-SMF5.0A_V01 Datasheet
598Kb / 4P
   5.0V-170V 175-200W
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com