Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0901CA2L Datasheet(PDF) 2 Page - Littelfuse

Part # P0901CA2L
Description  TwinSLIC??Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0901CA2L Datasheet(HTML) 2 Page - Littelfuse

  P0901CA2L Datasheet HTML 1Page - Littelfuse P0901CA2L Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.littelfuse.com
3 - 14
© 2006 Littelfuse • Telecom Design Guide
Compak TwinCHIP™ SIDACtor® Device
* [A/B] in part number indicates that values are for both A and B surge ratings.
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
Modified DO-214AA
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
85
°C/W
Capacitance Values
Part Number *
pF
Pin 1-2 / 3-2
Tip-Ground, Ring-Ground
pF
Pin 1-3
Tip-Ring
MIN
MAX
MIN
MAX
P1402C[A/B]L
30
55
15
35
P1602C[A/B]L
30
55
15
30
P2202C[A/B]L
25
50
15
30
P2702C[A/B]L
25
45
10
25
P3002C[A/B]L
20
40
10
25
P3602C[A/B]L
20
40
10
25
P4202C[A/B]L
20
40
10
25
P4802C[A/B]L
20
35
10
20
P6002C[A/B]L
15
35
10
20
Pin 3
Pin 1
Pin 2


Similar Part No. - P0901CA2L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0901CA2L LITTELFUSE-P0901CA2L Datasheet
148Kb / 2P
   TwinSLIC??Protector
P0901CA2L LITTELFUSE-P0901CA2L Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P0901CA2LRP LITTELFUSE-P0901CA2LRP Datasheet
142Kb / 4P
   The series provides single port protection using fixed voltage switching devices
More results

Similar Description - P0901CA2L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641CA2L LITTELFUSE-P0641CA2L Datasheet
148Kb / 2P
   TwinSLIC??Protector
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
   IC protector
logo
Bourns Electronic Solut...
CDSOT23-T24CAN BOURNS-CDSOT23-T24CAN Datasheet
505Kb / 6P
   CANbus Protector
1669 BOURNS-1669 Datasheet
174Kb / 2P
   Transient Protector
logo
GOOD-ARK Electronics
SES2V8P8U GOOD-ARK-SES2V8P8U Datasheet
165Kb / 3P
   ESD Protector
SES5VD523-2B GOOD-ARK-SES5VD523-2B Datasheet
218Kb / 4P
   ESD Protector
logo
Okaya Electric America,...
R-411PVF OKAYA-R-411PVF Datasheet
213Kb / 1P
   SURGE PROTECTOR
R-781BWZ-4 OKAYA-R-781BWZ-4 Datasheet
414Kb / 2P
   SURGE PROTECTOR
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
1830T1 BOURNS-1830T1 Datasheet
395Kb / 1P
   Surge Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com