Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1304U_L Datasheet(PDF) 2 Page - Littelfuse

Part # P1304U_L
Description  Mutiport SIDAtor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1304U_L Datasheet(HTML) 2 Page - Littelfuse

  P1304U_L Datasheet HTML 1Page - Littelfuse P1304U_L Datasheet HTML 2Page - Littelfuse P1304U_L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0XOWLSRUW 6,'$&WRUŠ'HYLFH
Telecom Design Guide • © 2006 Littelfuse, Inc.
3 - 35
www.littelfuse.com
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
Modified MS-013
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
60
°C/W
Capacitance Values
Part Number
pF
Pin 1-2 / 3-2 (4-5 / 6-5)
Tip-Ground, Ring-Ground
pF
Pin 1-3 (4-6)
Tip-Ring
MIN
MAX
MIN
MAX
P0084UAL
25
155
15
90
P0084UBL
25
155
15
90
P0084UCL
35
285
20
165
P0304UAL
15
140
10
90
P0304UBL
15
140
10
90
P0304UCL
25
250
10
145
P0644UAL
40
60
20
35
P0644UBL
40
155
20
90
P0644UCL
55
155
30
90
P0724UAL
35
60
20
35
P0724UBL
50
145
20
85
P0724UCL
50
145
25
85
P0904UAL
35
55
20
30
P0904UBL
35
55
20
30
P0904UCL
45
135
25
80
P1104UAL
30
50
15
30
P1104UBL
30
115
15
65
P1104UCL
45
115
25
65
P1304UAL
25
45
15
25
P1304UBL
25
105
15
60
P1304UCL
40
105
20
60
P1504UAL
25
40
15
25
P1504UBL
25
95
15
55
P1504UCL
35
95
20
55
P1804UAL
25
35
10
20
P1804UBL
25
90
10
50
P1804UCL
35
90
15
50
P2304UAL
25
35
10
20
P2304UBL
25
85
10
50
P2304UCL
30
85
15
50
P2604UAL
20
35
10
20
P2604UBL
20
85
10
50
P2604UCL
30
85
15
50
P3104UAL
20
35
10
20
P3104UBL
20
80
10
45
P3104UCL
30
80
15
45
P3504UAL
20
35
10
20
P3504UBL
20
75
10
45
P3504UCL
25
75
15
45
1
2
3
6
5
4


Similar Part No. - P1304U_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1304UAL LITTELFUSE-P1304UAL Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P1304UAL LITTELFUSE-P1304UAL Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P1304UALXX LITTELFUSE-P1304UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
P1304UCL LITTELFUSE-P1304UCL Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P1304UCL LITTELFUSE-P1304UCL Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
More results

Similar Description - P1304U_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B080B LITTELFUSE-T10B080B Datasheet
143Kb / 2P
   SIDAtor Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com