Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QM300DY-2H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # QM300DY-2H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM300DY-2H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  QM300DY-2H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM300DY-2H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM300DY-2H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM300DY-2H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM300DY-2H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
2
10
1
10
0
10
–1
10
3
10
2
10
1
10
0
10
–1
10
–1
10
2
10
1
10
0
10
–1
10
500
400
300
200
100
0
0
1
2
345
Tj=25°C
IB=4.0A
IB=2.0A
IB=1.0A
IB=0.5A
IB=0.2A
7
5
3
2
7
5
3
2
7
5
3
2
2.2
1.8
2.6
3.4
3.0
3.8
VCE=2.8V
Tj=25°C
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
Tj=25°C
Tj=125°C
VBE(sat)
VCE(sat)
2
10
1
10
0
10
0
10
1
10
2
10
3
10
IB=6A
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
2
10
3
10
1
10
0
10
4
10
3
10
2
10
1
10
44
4
Tj=25°C
Tj=125°C
VCE=5.0V
VCE=2.8V
5
4
3
2
1
0
7
5
3
2
7
5
3
2
7
5
34
4
4
0
10
1
10
3
2
IC=200A
IC=400A
IC=300A
Tj=25°C
Tj=125°C
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
444
Tj=25°C
Tj=125°C
VCC=600V
IB1=–IB2=6A
ts
tf
ton
PERFORMANCE CURVES
COMMON EMITTER OUTPUT
CHARACTERISTICS (TYPICAL)
COMMON EMITTER INPUT
CHARACTERISTIC (TYPICAL)
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SWITCHING TIME VS. COLLECTOR
CURRENT (TYPICAL)
DC CURRENT GAIN VS.
COLLECTOR CURRENT (TYPICAL)
COLLECTOR-EMITTER VOLTAGE
VCE (V)
COLLECTOR CURRENT
IC (A)
COLLECTOR CURRENT
IC (A)
BASE-EMITTER VOLTAGE
VBE (V)
BASE CURRENT
IB (A)
COLLECTOR CURRENT
IC (A)
MITSUBISHI TRANSISTOR MODULES
QM300DY-2H
HIGH POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - QM300DY-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM300DY-2HB MITSUBISHI-QM300DY-2HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM300DY-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com