Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3102 Datasheet(PDF) 89 Page - Maxim Integrated Products

Part # DS3102
Description  Stratum 3 Timing Card IC with Synchronous Ethernet Support
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3102 Datasheet(HTML) 89 Page - Maxim Integrated Products

Back Button DS3102 Datasheet HTML 85Page - Maxim Integrated Products DS3102 Datasheet HTML 86Page - Maxim Integrated Products DS3102 Datasheet HTML 87Page - Maxim Integrated Products DS3102 Datasheet HTML 88Page - Maxim Integrated Products DS3102 Datasheet HTML 89Page - Maxim Integrated Products DS3102 Datasheet HTML 90Page - Maxim Integrated Products DS3102 Datasheet HTML 91Page - Maxim Integrated Products DS3102 Datasheet HTML 92Page - Maxim Integrated Products DS3102 Datasheet HTML 93Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 141 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102607
89 of 141
Register Name:
IER3
Register Description:
Interrupt Enable Register 3
Register Address:
45h
Bit #
7
6
5
4
3
2
1
0
Name
FSMON
T4LOCK
T4NOIN
Default
0
0
0
0
0
0
0
0
Bit 7: Interrupt Enable for Frame-Sync Input Monitor Alarm (FSMON). This bit is an interrupt enable for the
FSMON bit in the MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 6: Interrupt Enable for the T4 DPLL Lock Status Change (T4LOCK). This bit is an interrupt enable for the
T4LOCK bit in the MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 4: Interrupt Enable for T4 No Valid Inputs Alarm (T4NOIN). This bit is an interrupt enable for the T4NOIN bit
in the MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt


Similar Part No. - DS3102

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3102 TTELEC-DS3102 Datasheet
688Kb / 4P
   Loop Powered Indicator
logo
Maxim Integrated Produc...
DS3102GN MAXIM-DS3102GN Datasheet
1Mb / 141P
   Stratum 3 Timing Card IC with Synchronous Ethernet Support
Rev: 102808
DS3102GN++ MAXIM-DS3102GN+ Datasheet
1Mb / 141P
   Stratum 3 Timing Card IC with Synchronous Ethernet Support
Rev: 102808
DS3102 MAXIM-DS3102_08 Datasheet
1Mb / 141P
   Stratum 3 Timing Card IC with Synchronous Ethernet Support
Rev: 102808
More results

Similar Description - DS3102

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3102 MAXIM-DS3102_08 Datasheet
1Mb / 141P
   Stratum 3 Timing Card IC with Synchronous Ethernet Support
Rev: 102808
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
   Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
DS3104-SE MAXIM-DS3104-SE Datasheet
694Kb / 136P
   Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
   Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com