Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFR3501 Datasheet(PDF) 1 Page - First Components International

Part # PFR3501
Description  35 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PFR3501 Datasheet(HTML) 1 Page - First Components International

  PFR3501 Datasheet HTML 1Page - First Components International PFR3501 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n LOW COST
n HIGH SURGE CAPABILITY
n DIFFUSED JUNCTION
Mechanical Dimensions
n LOW LEAKAGE CURRENT
n HIGH TEMPERATURE CAPABILITY
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
PFR3501 . . . 3510 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Forward Voltage @ 35A...V
F
DC Reverse Current...I
R
@ Rated DC Blocking Voltage, 150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJC (Note 2)
Typical Reverse Recovery Time...t
RR
Operating & Storage Temperature Range...T
J, TSTRG
Page 2-12
Data Sheet
35 Amp Press Fit SILICON
AUTOMOTIVERECTIFIERS
Units
PFR3501 PFR3502 PFR3503 PFR3504 PFR3506 PFR3508 PFR3510
100
200
300
400
600
800
1000
70
140
210
280
420
560
700
100
200
300
400
600
800
1000
< ........................................... 1.08 ........................................... >
< ..................... 250 ................... > < .............. 350 ........... >
Volts
Volts
Volts
Amps
Amps
Volts
µAmps
µAmps
pF
°C / W
µS
°C
............................................. 35 ...............................................
............................................. 500 ...............................................
............................................. 10 ...............................................
............................................. 250 ...............................................
............................................. 0.8 ...............................................
............................................. 3.0 ...............................................
......................................... -50 to 175 ..........................................
.100
.400 Max.
.100
Typ
.625
Typ
.504
Typ
.250
.500 Typ
PFRXXXX = +
PFRXXXX = +
PFRXXXX = +
PFRXXXX = +
PFRXXXX = +
PFRXXXXA = -
PFRXXXXA = -
PFRXXXXA = -
PFRXXXXA = -
PFRXXXXA = -


Similar Part No. - PFR3501

ManufacturerPart #DatasheetDescription
logo
FCI connector
PFR3501 FCI-CONNECTOR-PFR3501 Datasheet
342Kb / 2P
   35Amp 1/2" Pressfit 1.0mm LEAD Auto Rectifiers
logo
First Components Intern...
PFR3501N FCI-PFR3501N Datasheet
342Kb / 2P
   35Amp 1/2 Pressfit 1.0mm LEAD Auto Rectifiers High Current Capability
PFR3501N FCI-PFR3501N Datasheet
542Kb / 2P
   35Amp 1/2" Pressfit 1.0mm LEAD Auto Rectifiers
PFR3501P FCI-PFR3501P Datasheet
342Kb / 2P
   35Amp 1/2 Pressfit 1.0mm LEAD Auto Rectifiers High Current Capability
PFR3501P FCI-PFR3501P Datasheet
542Kb / 2P
   35Amp 1/2" Pressfit 1.0mm LEAD Auto Rectifiers
More results

Similar Description - PFR3501

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PFR3523 FCI-PFR3523 Datasheet
99Kb / 1P
   FASTORB - 35 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
FCI connector
PFR2501 FCI-CONNECTOR-PFR2501 Datasheet
135Kb / 2P
   25 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
PFR2501 FCI-PFR2501 Datasheet
158Kb / 2P
   25 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
PFR5023 FCI-PFR5023 Datasheet
99Kb / 1P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
FCI connector
PBFR5018-30JP FCI-CONNECTOR-PBFR5018-30JP Datasheet
448Kb / 2P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
PFR5028 FCI-PFR5028 Datasheet
70Kb / 1P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
FR3501 FCI-FR3501 Datasheet
140Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR3501 FCI-CONNECTOR-FR3501 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FDR3502N FCI-FDR3502N Datasheet
177Kb / 2P
   35 Amp Silicon Automotive Dish Rectifiers
FR3501 FCI-FR3501_1 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com