Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE-8.2 Datasheet(PDF) 4 Page - First Components International

Part # P6KE-8.2
Description  6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

P6KE-8.2 Datasheet(HTML) 4 Page - First Components International

  P6KE-8.2 Datasheet HTML 1Page - First Components International P6KE-8.2 Datasheet HTML 2Page - First Components International P6KE-8.2 Datasheet HTML 3Page - First Components International P6KE-8.2 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
6.8V to 200V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Page 11-13
DEVICE
Maximum
Temperature
Coefficient
of V
BR
% /°°°°°C
Min.
Max.
V
BR
Volts (Note 1)
Breakdown
Voltage
8.20
8.60
7.40
7.80
6.80
7.10
6.10
6.50
5.50
5.80
5.10
5.30
4.80
4.80
4.20
4.40
3.80
4.00
3.50
3.60
3.30
3.20
2.80
2.90
2.60
2.70
2.50
2.60
2.30
2.40
2.10
2.20
1.74
1.83
1.67
1.74
1.40
1.45
1.19
1.24
1.05
1.09
P6KE-51
P6KE-51A
P6KE-56
P6KE-56A
P6KE-62
P6KE-62A
P6KE-68
P6KE-68A
P6KE-75
P6KE-75A
P6KE-82
P6KE-82A
P6KE-91
P6KE-91A
P6KE-100
P6KE-100A
P6KE-110
P6KE-110A
P6KE-120
P6KE-120A
P6KE-130
P6KE-130A
P6KE-150
P6KE-150A
P6KE-160
P6KE-160A
P6KE-170
P6KE-170A
P6KE-180
P6KE-180A
P6KE-200
P6KE-200A
P6KE-220
P6KE-220A
P6KE-250
P6KE-250A
P6KE-300
P6KE-300A
P6KE-350
P6KE-350A
P6KE-400
P6KE-400A
45.90
48.50
50.40
53.20
55.80
58.90
61.20
64.60
67.50
71.30
73.80
77.90
81.90
86.50
90.00
95.00
99.00
105.00
108.00
114.00
117.00
124.00
135.00
143.00
144.00
152.00
153.00
162.00
162.00
171.00
180.00
190.00
198.00
209.00
225.00
237.00
270.00
285.00
315.00
332.00
360.00
380.00
56.10
53.60
61.60
58.80
68.20
65.10
74.80
71.40
82.50
78.80
90.20
86.10
100.00
95.50
110.00
105.00
121.00
116.00
132.00
126.00
143.00
137.00
165.00
158.00
176.00
168.00
187.00
179.00
198.00
189.00
220.00
210.00
242.00
231.00
275.00
263.00
330.00
315.00
385.00
368.00
440.00
420.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
73.50
70.10
80.50
77.00
89.00
85.00
98.00
92.00
108.00
103.00
118.00
113.00
131.80
125.00
144.00
137.00
158.00
152.00
173.00
165.00
187.00
179.00
215.00
207.00
230.00
219.00
244.00
234.00
258.00
246.00
287.00
274.00
344.00
328.00
360.00
344.00
430.00
414.00
504.00
482.00
574.00
548.00
0.102
0.102
0.103
0.103
0.104
0.104
0.104
0.105
0.105
0.105
0.105
0.105
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
41.30
43.60
45.40
47.80
50.20
53.00
55.10
58.10
60.70
64.10
66.40
70.10
73.70
77.80
81.00
85.50
89.20
94.00
97.20
102.00
105.00
111.00
121.00
128.00
130.00
136.00
138.00
145.00
146.00
154.00
162.00
171.10
175.00
185.00
202.00
214.00
243.00
256.00
284.00
300.00
324.00
342.00
Maximum
Clamping
Voltage
@ I
PPM
V
C (V)
Peak
Pulse
Current
I
PPM (A)
(Note 2)
Maximum
Reverse
Leakage
@ V
RWM
I
R (µA)
Working
Peak
Reverse
Voltage
V
RWM (V)
@ I
T
(mA)


Similar Part No. - P6KE-8.2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE-AU PANJIT-P6KE-AU Datasheet
229Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watt
logo
Comchip Technology
P6KE-G COMCHIP-P6KE-G Datasheet
132Kb / 5P
   600W Transient Voltage Suppressor
P6KE-G COMCHIP-P6KE-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
P6KE-G COMCHIP-P6KE-G_12 Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
More results

Similar Description - P6KE-8.2

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE FCI-P4KE Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Rectron Semiconductor
T6ARS3505M RECTRON-T6ARS3505M_10 Datasheet
286Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com