![]() |
Electronic Components Datasheet Search |
|
SN74AUC74 Datasheet(PDF) 1 Page - Texas Instruments |
|
SN74AUC74 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 12 page ![]() www.ti.com FEATURES RGY PACKAGE (TOP VIEW) 1 14 7 8 2 3 4 5 6 13 12 11 10 9 2CLR 2D 2CLK 2PRE 2Q 1D 1CLK 1PRE 1Q 1Q DESCRIPTION/ORDERING INFORMATION SN74AUC74 DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET SCES483A – AUGUST 2003 – REVISED MARCH 2005 • Optimized for 1.8-V Operation and Is 3.6-V I/O Tolerant to Support Mixed-Mode Signal Operation • Ioff Supports Partial-Power-Down Mode Operation • Sub-1-V Operable • Max tpd of 1.8 ns at 1.8 V • Low Power Consumption, 10- µA Max I CC • ±8-mA Output Drive at 1.8 V • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) This dual positive-edge-triggered D-type flip-flop is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V VCC operation. A low level at the preset (PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the other inputs. When PRE and CLR are inactive (high), data at the data (D) input meeting the setup time requirements is transferred to the outputs on the positive-going edge of the clock pulse. Clock triggering occurs at a voltage level and is not directly related to the rise time of the clock pulse. Following the hold-time interval, data at the D input can be changed without affecting the levels at the outputs. To better optimize the flip-flop for higher frequencies, the CLR input overrides the PRE input when they are both low. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING –40 °C to 85°C QFN – RGY Tape and reel SN74AUC74RGYR MS74 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE INPUTS OUTPUTS PRE CLR CLK D Q Q L H X X H L X L X X L H H H ↑ H H L H H ↑ L L H H H L X Q0 Q 0 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2003–2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |