Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS88000RKXL-12 Datasheet(PDF) 4 Page - MOSAIC

Part # SYS88000RKXL-12
Description  8M x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS88000RKXL-12 Datasheet(HTML) 4 Page - MOSAIC

  SYS88000RKXL-12 Datasheet HTML 1Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 2Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 3Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 4Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 5Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 6Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ISSUE 1.5 : April 2001
SYS88000RKX - 85/10/12
4
Write Cycle
-85
-10
-12
Parameter
Symbol
min
max
min
max
min
max
Unit
Write Cycle Time
t
WC
85
-
100
-
120
-
ns
Chip Selection to End of Write
t
CW
75
-
80
-
100
-
ns
Address Valid to End of Write
t
AW
75
-
80
-
100
-
ns
Address Setup Time
t
AS
0-
0-
0
-
ns
Write Pulse Width
t
WP
60
-
70
-
70
-
ns
Write Recovery Time
t
WR
5-
5-
5
-
ns
Write to Output in High Z
***
t
WHZ
035
0
40
0
40
ns
Data to Write Time Overlap
t
DW
40
-
45
-
45
-
ns
Data Hold from Write Time
t
DH
0-
0-
0
-
ns
Output active from end of write ***
t
OW
5-
5-
5
-
ns
*** Theses signals are the internal Ram signals on the module and are included to assist control signal
timing.
-85
-10
-12
Parameter
Symbol
min
max
min
max
min
max
Unit
Read Cycle Time
t
RC
85
-
100
-
120
-
ns
Address Access Time
t
AA
-
85
-
100
-
120
ns
Chip Select Access Time
t
ACS
-
85
-
100
-
120
ns
Output Enable to Output Valid
t
OE
-50-55
-60
ns
Output Hold from Address Change
t
OH
11.5
-
11.5
-
11.5
-
ns
Chip Selection to Output in Low Z
t
CLZ
1.5
-
1.5
-
1.5
-
ns
Output Enable to Output in Low Z
t
OLZ
1.5
-
1.5
-
1.5
-
ns
Chip Deselection to O/P in High Z
t
CHZ
050505
ns
Output Disable to Output in High Z
t
OHZ
050505
ns
Read Cycle
AC OPERATING CONDITIONS


Similar Part No. - SYS88000RKXL-12

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS88000RKXL-12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS84000RKX-85 MOSAIC-SYS84000RKX-85 Datasheet
85Kb / 7P
   4M x 8 SRAM MODULE
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMF8M8M4G HANBIT-HMF8M8M4G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit)
logo
AMIC Technology
LP62S16512A AMICC-LP62S16512A Datasheet
179Kb / 16P
   8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
   8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com