Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS88000RKXL-12 Datasheet(PDF) 2 Page - MOSAIC

Part # SYS88000RKXL-12
Description  8M x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS88000RKXL-12 Datasheet(HTML) 2 Page - MOSAIC

  SYS88000RKXL-12 Datasheet HTML 1Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 2Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 3Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 4Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 5Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 6Page - MOSAIC SYS88000RKXL-12 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISSUE 1.5 : April 2001
SYS88000RKX - 85/10/12
2
Parameter
Symbol Test Condition
Min Typ
max
Unit
I/P Leakage Current
Address,OE,WE
I
LI
0V < V
IN < VCC
-16
-
16
µA
Output Leakage Current
I
LO
CS = V
IH, VI/O = GND to VCC
-16
-
16
µA
Operating Current
I
CC1
Min. Cycle, CS = V
IL,VIL<VIN<VIH
-
-
170
mA
Standby Supply Current
TTL levels
I
SB1
CS = V
IH
--
48
mA
CMOS levels
I
SB2
CS
> V
CC-0.2V, 0.2<VIN<VCC-0.2V
--
32
mA
-L Version (CMOS)
I
SB3
CS
> V
CC-0.2V, 0.2<VIN<VCC-0.2V
--
2
mA
Output Voltage
V
OL
I
OL = 8.0mA
-
-
0.4
V
V
OH
I
OH = -4.0mA
2.4
-
-
V
Typical values are at V
CC=5.0V,TA=25
oC and specified loading.
Add 800mA to -L CMOS standby currents to obtain industrial temp range parameters.
Voltage on any pin relative to V
SS
V
T
-0.3
-
7.0
V
Power Dissipation
P
T
-
1.0
-
W
Storage Temperature
T
STG
-55
-
125
oC
Notes : (1)
Stresses above those listed may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Parameter
Symbol
Min
Typ
Max
Unit
Absolute Maximum Ratings (1)
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.5
5.0
5.5
V
Input High Voltage
V
IH
2.2
-
V
CC+0.3
V
Input Low Voltage
V
IL
-0.3
-
0.8
V
Operating Temperature
(Commercial)
T
A
0
-
70
oC
(Industrial)
T
AI
-40
-
85
oC
Capacitance (V
CC=5V±10%,TA=25
oC)
Note: Capacitance calculated, not measured.
Parameter
Symbol Test Condition
max
Unit
Input Capacitance (Address,OE,WE)
C
IN1
V
IN = 0V
128
pF
I/P Capacitance (other)
C
IN2
V
IN = 0V
10
pF
I/O Capacitance
C
I/O
V
I/O = 0V
160
pF
DC Electrical Characteristics (V
CC=5V±10%)
TA 0 to 70 oC


Similar Part No. - SYS88000RKXL-12

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS88000RKXL-12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS84000RKX-85 MOSAIC-SYS84000RKX-85 Datasheet
85Kb / 7P
   4M x 8 SRAM MODULE
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMF8M8M4G HANBIT-HMF8M8M4G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit)
logo
AMIC Technology
LP62S16512A AMICC-LP62S16512A Datasheet
179Kb / 16P
   8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
   8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com