Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1232LPL-G Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT1232LPL-G
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPL-G Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT1232LPL-G Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 9Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 10Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT1232, CAT1832
PACKAGE OUTLINE DRAWINGS
(1)(2)
SOIC 16-Lead 300mils (W)
L
h
E
E1
PIN #1 IDENTIFICATION
D
A1
A
c
b
e
TOP VIEW
SIDE VIEW
END VIEW
θ
SYMBOL
MIN
NOM
MAX
A
2.36
2.49
2.64
A1
0.10
0.30
b0.33
0.41
0.51
c
0.18
0.23
0.28
D
10.08
10.31
10.49
E
10.01
10.31
10.64
E1
7.39
7.49
7.59
e
1.27 BSC
h0.25
0.75
L0.38
0.81
1.27
θ
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MS-013.
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-3018 Rev. D
Characteristics subject to change without notice


Similar Part No. - CAT1232LPL-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1232LPL-G ONSEMI-CAT1232LPL-G Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Catalyst Semiconductor
CAT1232LPL-GT2 CATALYST-CAT1232LPL-GT2 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1232LPL-GT3 CATALYST-CAT1232LPL-GT3 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
More results

Similar Description - CAT1232LPL-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com