Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24100 Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ24100
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24100 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ24100_07 Datasheet HTML 13Page - Texas Instruments BQ24100_07 Datasheet HTML 14Page - Texas Instruments BQ24100_07 Datasheet HTML 15Page - Texas Instruments BQ24100_07 Datasheet HTML 16Page - Texas Instruments BQ24100_07 Datasheet HTML 17Page - Texas Instruments BQ24100_07 Datasheet HTML 18Page - Texas Instruments BQ24100_07 Datasheet HTML 19Page - Texas Instruments BQ24100_07 Datasheet HTML 20Page - Texas Instruments BQ24100_07 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
www.ti.com
Timer Fault Recovery
Output Overvoltage Protection (Applies To All Versions)
Functional Description for System-Controlled Version (bq2411x)
Precharge And Fast-Charge Control
Charge Termination And Safety Timers
Inductor, Capacitor, and Sense Resistor Selection Guidelines
f0 +
1
2p
L
OUT
C
OUT
(7)
bq24100, bq24103, bq24103A
bq24105, bq24108, bq24109
bq24113, bq24113A, bq24115
SLUS606K – JUNE 2004 – REVISED NOVEMBER 2007
As shown in FIGURE 10, bqSWITCHER provides a recovery method to deal with timer fault conditions. The
following summarizes this method.
Condition 1 VI(BAT) above recharge threshold (VOREG - VRCH) and timeout fault occurs.
Recovery method: bqSWITCHER waits for the battery voltage to fall below the recharge threshold. This could
happen as a result of a load on the battery, self-discharge or battery removal. Once the battery falls below the
recharge threshold, the bqSWITCHER clears the fault and enters the battery absent detection routine. A POR or
CE toggle also clears the fault.
Condition 2 Charge voltage below recharge threshold (VOREG – VRCH) and timeout fault occurs
Recovery method: Under this scenario, the bqSWITCHER applies the IDETECT current. This small current is used
to detect a battery removal condition and remains on as long as the battery voltage stays below the recharge
threshold. If the battery voltage goes above the recharge threshold, then the bqSWITCHER disables the IDETECT
current and executes the recovery method described in Condition 1. Once the battery falls below the recharge
threshold, the bqSWITCHER clears the fault and enters the battery absent detection routine. A POR or CE toggle
also clears the fault.
The bqSWITCHER provides a built-in overvoltage protection to protect the device and other components against
damages if the battery voltage gets too high, as when the battery is suddenly removed. When an overvoltage
condition is detected, this feature turns off the PWM and STATx pins. The fault is cleared once VIBAT drops to the
recharge threshold (VOREG – VRCH).
For applications requiring charge management under the host system control, the bqSWITCHER (bq2411x)
offers a number of control functions. The following section describes these functions.
A low-level signal on the CMODE pin forces the bqSWITCHER to charge at the precharge rate set on the ISET2
pin. A high-level signal forces charge at fast-charge rate as set by the ISET1 pin. If the battery reaches the
voltage regulation level, VOREG, the bqSWITCHER transitions to voltage regulation phase regardless of the status
of the CMODE input.
The charge timers and termination are disabled in the system-controlled versions of the bqSWITCHER. The host
system can use the CE input to enable or disable charge. When an overvoltage condition is detected, the
charger process stops, and all power FETs are turned off.
The bqSWITCHER provides internal loop compensation. With this scheme, best stability occurs when LC
resonant frequency, fo is approximately 16 kHz (8 kHz to 32 kHz). Equation 7 can be used to calculate the value
of the output inductor and capacitor. Table 3 provides a summary of typical component values for various charge
rates.
Table 3. Output Components Summary
CHARGE CURRENT
0.5 A
1 A
2 A
Output inductor, LOUT
22
µH
10
µH
4.7
µH
Output capacitor, COUT
4.7
µF
10
µF
22
µF (or 2 × 10 µH) ceramic
Sense resistor, R(SNS)
0.2
0.1
0.05
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): bq24100, bq24103, bq24103A bq24105, bq24108, bq24109 bq24113, bq24113A, bq24115


Similar Part No. - BQ24100_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results

Similar Description - BQ24100_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com