Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS321000LK-015 Datasheet(PDF) 4 Page - MOSAIC

Part # SYS321000LK-015
Description  1M x 32 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS321000LK-015 Datasheet(HTML) 4 Page - MOSAIC

  SYS321000LK-015 Datasheet HTML 1Page - MOSAIC SYS321000LK-015 Datasheet HTML 2Page - MOSAIC SYS321000LK-015 Datasheet HTML 3Page - MOSAIC SYS321000LK-015 Datasheet HTML 4Page - MOSAIC SYS321000LK-015 Datasheet HTML 5Page - MOSAIC SYS321000LK-015 Datasheet HTML 6Page - MOSAIC SYS321000LK-015 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ISSUE 1.5 : December 1998
SYS321000ZK/LK - 012/015/20/25
4
Write Cycle
-12
-15
-20
-25
Parameter
Symbol
min
max
min
max
min
max
min
max
Unit
Write Cycle Time
t
WC
12
-
15
-
20
-
25
-
ns
Chip Selection to End of Write
t
CW
8
-
12
-
15
-
15
-
ns
Address Valid to End of Write
t
AW
8
-
12
-
15
-
15
-
ns
Address Setup Time
t
AS
0-
0-
0
-
0
-
ns
Write Pulse Width
t
WP
15
-
15
-
15
-
15
-
ns
Write Recovery Time
t
WR
0-
0-
0
-
0
-
ns
Write to Output in High Z
t
WHZ
06
070
80
10
ns
Data to Write Time Overlap
t
DW
6-
8-
10
-
12
-
ns
Data Hold from Write Time
t
DH
0-
0-
0
-
0
-
ns
Output active from End of Write
t
OW
0-
0-
0
-
0
-
ns
AC OPERATING CONDITIONS
Read Cycle
-12
-15
-20
-25
Parameter
Symbol
min
max
min
max
min
max
min
max
Unit
Read Cycle Time
t
RC
12
-
15
-
20
-
25
-
ns
Address Access Time
t
AA
-12-15
-20-
25
ns
Chip Select Access Time
t
ACS
-12-15
-20-
25
ns
Output Enable to Output Valid
t
OE
-6-7-
10
-
12
ns
Output Hold from Address Change
t
OH
3-
3-
4
-
5
-
ns
Chip Selection to Output in Low Z
t
CLZ
3-
3-
3
-
3
-
ns
Output Enable to Output in Low Z
t
OLZ
0-
0-
0
-
0
-
ns
Chip Deselection to O/P in High Z
t
CHZ
07
070
80
10
ns
Output Disable to Output in High Z
t
OHZ
07
070
80
10
ns


Similar Part No. - SYS321000LK-015

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS32256LK-12 MOSAIC-SYS32256LK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS32256LK-15 MOSAIC-SYS32256LK-15 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS32256LK-17 MOSAIC-SYS32256LK-17 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS32256LKI-12 MOSAIC-SYS32256LKI-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS32256LKI-15 MOSAIC-SYS32256LKI-15 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
More results

Similar Description - SYS321000LK-015

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8G HANBIT-HMS1M32M8G Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
logo
GSI Technology
GS81032AT GSI-GS81032AT Datasheet
759Kb / 23P
   32K x 32 1M Synchronous Burst SRAM
logo
Hanbit Electronics Co.,...
HMS1M32M8A HANBIT-HMS1M32M8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
logo
Alliance Semiconductor ...
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
   3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
   3.3V 1M x 32/36 Flowthrough SRAM with NTD
logo
Siemens Semiconductor G...
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com