Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS321000LK-012 Datasheet(PDF) 6 Page - MOSAIC

Part # SYS321000LK-012
Description  1M x 32 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS321000LK-012 Datasheet(HTML) 6 Page - MOSAIC

  SYS321000LK-012 Datasheet HTML 1Page - MOSAIC SYS321000LK-012 Datasheet HTML 2Page - MOSAIC SYS321000LK-012 Datasheet HTML 3Page - MOSAIC SYS321000LK-012 Datasheet HTML 4Page - MOSAIC SYS321000LK-012 Datasheet HTML 5Page - MOSAIC SYS321000LK-012 Datasheet HTML 6Page - MOSAIC SYS321000LK-012 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ISSUE 1.5 : December 1998
SYS321000ZK/LK - 012/015/20/25
6
Write Cycle No.2 Timing Waveform
Write Cycle No.2 Timing Waveform
Write Cycle No.2 Timing Waveform
Write Cycle No.2 Timing Waveform
Write Cycle No.2 Timing Waveform (1,5)
(1,5)
(1,5)
(1,5)
(1,5)
AC Write Characteristics Notes
(1) All write cycle timing is referenced from the last valid address to the first transition address.
(2) All writes occur during the overlap of CS1~4 and WE low.
(3) If OE, CS1~4, and WE are in the Read mode during this period, the I/O pins are low impedance state.
Inputs of opposite phase to the output must not be applied because bus contention can occur.
(4) Dout is the Read data of the new address.
(5) OE is continuously low.
(6) Address is valid prior to or coincident with CS1~4 and WE low, too avoid inadvertant writes.
(7) CS1~4 or WE must be high during address transitions.
(8) When CS1~4 are low : I/O pins are in the output state. Input signals of opposite phase leading to the
output should not be applied.
(9) Defined as the time at which the outputs achieve open circuit conditions and are not referenced to
output voltage levels. These parameters are sampled and not 100% tested.
t
AW
t
CW
WR(7)
WC
AS(6)
DW
DH
OH
OW
WHZ(3,9)
WP(2)
Don't
t
t
t
t
t
Address
CS1~4
WE
Dout
Din
t
t
t
t
Care
High-Z
High-Z
(4)
(8)
Data Valid


Similar Part No. - SYS321000LK-012

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS32256LK-12 MOSAIC-SYS32256LK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS32256LK-15 MOSAIC-SYS32256LK-15 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS32256LK-17 MOSAIC-SYS32256LK-17 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS32256LKI-12 MOSAIC-SYS32256LKI-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS32256LKI-15 MOSAIC-SYS32256LKI-15 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
More results

Similar Description - SYS321000LK-012

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8G HANBIT-HMS1M32M8G Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
logo
GSI Technology
GS81032AT GSI-GS81032AT Datasheet
759Kb / 23P
   32K x 32 1M Synchronous Burst SRAM
logo
Hanbit Electronics Co.,...
HMS1M32M8A HANBIT-HMS1M32M8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
logo
Alliance Semiconductor ...
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
   3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
   3.3V 1M x 32/36 Flowthrough SRAM with NTD
logo
Siemens Semiconductor G...
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com