Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS32512LKXAI-012 Datasheet(PDF) 9 Page - MOSAIC

Part # SYS32512LKXAI-012
Description  512 K x 32 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS32512LKXAI-012 Datasheet(HTML) 9 Page - MOSAIC

Back Button SYS32512LKXAI-012 Datasheet HTML 3Page - MOSAIC SYS32512LKXAI-012 Datasheet HTML 4Page - MOSAIC SYS32512LKXAI-012 Datasheet HTML 5Page - MOSAIC SYS32512LKXAI-012 Datasheet HTML 6Page - MOSAIC SYS32512LKXAI-012 Datasheet HTML 7Page - MOSAIC SYS32512LKXAI-012 Datasheet HTML 8Page - MOSAIC SYS32512LKXAI-012 Datasheet HTML 9Page - MOSAIC SYS32512LKXAI-012 Datasheet HTML 10Page - MOSAIC SYS32512LKXAI-012 Datasheet HTML 11Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Issue 5.0 June 1999
PAGE 9
Write Cycle 3
(/CS = Controlled)
/CS
Address
Data In
Data Out
tWC
tAW
t
WR(5)
tCW(3)
t
AS(4)
tWP(2)
tWHZ(6)
High Z
High Z(8)
/WE
Valid Data
t
DW
t
DH
t
LZ
High Z
High Z
NOTES(WRITE CYCLE)
1. All write cycle timing is referenced from the last valid address to the first transition address.
2. A write occurs during the overlap of a low /CS and /WE. A write begins at the latest transition /CS going low and /WE going low ;
A write ends at the earliest transition /CS going high or /WE going high. t WP is measured from the beginning of write to the end of
write.
3. tCW is measured from the later of /CS going low to end of write.
4. tAS is measured from the address valid to the beginning of write.
5. tWR is measured from the end of write to the address change. t WR applied in case a write ends as /CS or /WE going high.
6. If /OE, /CS and /WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase
of the output must not be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
8. If /CS goes low simultaneously with /WE going or after /WE going low, the outputs remain high impedance state.
9. Dout is the read data of the new address.
10.When /CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be
applied.
11 /CS=/CS1~4


Similar Part No. - SYS32512LKXAI-012

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS321000LK-012 MOSAIC-SYS321000LK-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
SYS321000LK-015 MOSAIC-SYS321000LK-015 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
SYS321000LK-020 MOSAIC-SYS321000LK-020 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
SYS321000LK-025 MOSAIC-SYS321000LK-025 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
SYS321000LKI-012 MOSAIC-SYS321000LKI-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
More results

Similar Description - SYS32512LKXAI-012

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com