Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS84000RKX-10 Datasheet(PDF) 2 Page - MOSAIC

Part # SYS84000RKX-10
Description  4M x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS84000RKX-10 Datasheet(HTML) 2 Page - MOSAIC

  SYS84000RKX-10 Datasheet HTML 1Page - MOSAIC SYS84000RKX-10 Datasheet HTML 2Page - MOSAIC SYS84000RKX-10 Datasheet HTML 3Page - MOSAIC SYS84000RKX-10 Datasheet HTML 4Page - MOSAIC SYS84000RKX-10 Datasheet HTML 5Page - MOSAIC SYS84000RKX-10 Datasheet HTML 6Page - MOSAIC SYS84000RKX-10 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISSUE 1.7 April 2001
SYS84000RKX - 85/10/12
2
Voltage on any pin relative to V
SS
V
T
(2)
-0.3
-
7.0
V
Power Dissipation
P
T
-
-
2.0
W
Storage Temperature
T
STG
-55
-
125
oC
Notes : (1)
Stresses above those listed may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
DC OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Absolute Maximum Ratings (1)
Capacitance (V
CC=5V±10%,TA=25
oC)
Note: Capacitance calculated, not measured.
Parameter
Symbol Test Condition
max
Unit
Input Capacitance (Address,OE,WE)
C
IN1
V
IN = 0V
64
pF
I/P Capacitance (other)
C
IN2
V
IN = 0V
12
pF
I/O Capacitance
C
I/O
V
I/O = 0V
12
pF
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.5
5.0
5.5
V
Input High Voltage
V
IH
2.2
-
V
CC+0.3
V
Input Low Voltage
V
IL
-0.3
-
0.8
V
Operating Temperature
(Commercial)
T
A
0
-
70
oC
(Industrial)
T
AI
-40
-
85
oC
Parameter
Symbol Test Condition
Min Typ
max
Unit
I/P Leakage Current
Address,OE,WE
I
LI
0V < V
IN < VCC
-8
-
8
µA
Output Leakage Current
I
LO
CS = V
IH, VI/O = GND to VCC
-8
-
8
µA
Operating Supply Current
I
CC1
Min. Cycle, CS = V
IL,VIL<VIN<VIH
-
-
140
mA
Standby Supply Current
TTL levels
I
SB1
CS = V
IH
--
24
mA
CMOS levels
I
SB2
CS
> V
CC-0.2V, 0.2<VIN<VCC-0.2V
--
16
mA
-L Version (CMOS)
I
SB3
CS
> V
CC-0.2V, 0.2<VIN<VCC-0.2V
-
-
880
uA
Output Voltage
V
OL
I
OL = 64.0mA
-
-
0.4
V
V
OH
I
OH = -15.0mA
2.4
-
-
V
Typical values are at V
CC=5.0V,TA=25
oC and specified loading.
Add 420mA to -L & -P CMOS standby currents to obtain industrial temp range parameters.
DC Electrical Characteristics
(V
CC=5V±10%)
TA 0 to 70 oC


Similar Part No. - SYS84000RKX-10

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS84000RKX-10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
logo
Hanbit Electronics Co.,...
HMS4M16M16G HANBIT-HMS4M16M16G Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS88000RKX-70 MOSAIC-SYS88000RKX-70 Datasheet
84Kb / 7P
   8M x 8 SRAM MODULE
logo
Renesas Technology Corp
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM628511H HITACHI-HM628511H Datasheet
75Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com