Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS8512FKXL-70 Datasheet(PDF) 7 Page - MOSAIC

Part # SYS8512FKXL-70
Description  512K x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS8512FKXL-70 Datasheet(HTML) 7 Page - MOSAIC

  SYS8512FKXL-70 Datasheet HTML 1Page - MOSAIC SYS8512FKXL-70 Datasheet HTML 2Page - MOSAIC SYS8512FKXL-70 Datasheet HTML 3Page - MOSAIC SYS8512FKXL-70 Datasheet HTML 4Page - MOSAIC SYS8512FKXL-70 Datasheet HTML 5Page - MOSAIC SYS8512FKXL-70 Datasheet HTML 6Page - MOSAIC SYS8512FKXL-70 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SYS8512FKX-70/85/10/12
ISSUE 5.0 November 1999
7
Package Information
Dimensions in mm
Ordering Information
Speed
70 = 70 ns
85 = 85 ns
10 = 100 ns
12 = 120 ns
Temperature Range
Blank = Commercial Temperature
I = Industrial Temperature
Power Consumption
Blank = Standard Part
L = Low Power Part
Package
FKX = Plastic 32 pin DIL
Organization
8512 = 512K x 8
Memory Type
SYS = Static RAM
Although this data is believed to be accurate the information contained herein is not intended to and does not create
any warranty of merchantability or fitness for a particular purpose.
Our Products are subject to a constant process of development. Data may be changed at any time without notice.
Products are not authorised for use as critical components in life support devices without the express approval of
a company director.
SYS8512FKXLI-10
SYS8512FKXLI-10
SYS8512FKXLI-10
SYS8512FKXLI-10
SYS8512FKXLI-10
15.24 typ.
2.54 typ.
42.50 max.
15.92 max.
6.0 max.


Similar Part No. - SYS8512FKXL-70

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS8512FKXL-70

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
UT8R512K8 AEROFLEX-UT8R512K8 Datasheet
236Kb / 23P
   UT8R512K8 512K x 8 SRAM
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Etron Technology, Inc.
EM564081 ETRON-EM564081 Datasheet
287Kb / 12P
   512K x 8 Low Power SRAM
logo
Aeroflex Circuit Techno...
UT8Q512E AEROFLEX-UT8Q512E Datasheet
198Kb / 22P
   UT8Q512E 512K x 8 RadTol SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
logo
GSI Technology
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com