Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMA68S4000XLI-017 Datasheet(PDF) 4 Page - MOSAIC

Part # PUMA68S4000XLI-017
Description  128 K x 32 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA68S4000XLI-017 Datasheet(HTML) 4 Page - MOSAIC

  PUMA68S4000XLI-017 Datasheet HTML 1Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 2Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 3Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 4Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 5Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 6Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 7Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 8Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 9Page - MOSAIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Issue 5.1 April 2001
PAGE 4
/CS1
/CS2
/CS3
/CS4
/OE
/WE Supply Current
Mode
L
H
H
H
X
L
ICC8
Write D0~D7
H
L
H
H
X
L
ICC8
Write D8~D15
H
H
L
H
X
L
ICC8
Write D16~D23
H
H
H
L
X
L
ICC8
Write D24~D31
L
L
H
H
X
L
ICC16
Write D0~D15
H
H
L
L
X
L
ICC16
Write D16~D31
L
L
L
L
X
L
ICC32
Write D0~D31
L
H
H
H
L
H
ICC8
Read D0~D7
H
L
H
H
L
H
ICC8
Read D8~D15
H
H
L
H
L
H
ICC8
Read D16~D23
H
H
H
L
L
H
ICC8
Read D24~D31
L
L
H
H
L
H
ICC16
Read D0~D15
H
H
L
L
L
H
ICC16
Read D16~D31
L
L
L
L
L
H
ICC32
Read D0~D31
X
X
X
X
H
H
ICC32/ICC16/ICC8
D0~D31 High-Z
H
H
H
H
X
X
ISB,ISB1
D0~D31 Standby
166Ω
30pF
I/O Pin
1.76V
Capacitance
(V
CC = 5.0V, TA = 25
OC, F=1MHz.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Capacitance, (Address, /OE, /WE)
CIN1
VIN=0V
-
-
30
pF
Output Capacitance, 8 bit mode (worst case)
CI/O
VI/O=0V
-
-
38
pF
Test Conditions
Output Load
• Input pulse levels : 0V to 3.0V
• Input rise and fall times : 3ns
• Input and Output timing reference levels : 1.5V
• Output Load : See Load Diagram.
• V
CC = 5V+10%
• PUMA module tested in 32 bit mode.
Note : These Parameters are calculated not measured.
Operation Truth Table
Notes : H=V
IH : L=VIL : X=VIH or VIL


Similar Part No. - PUMA68S4000XLI-017

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-025 MOSAIC-PUMA68S16000X-025 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-015 MOSAIC-PUMA68S16000XB-015 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-017 MOSAIC-PUMA68S16000XB-017 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
More results

Similar Description - PUMA68S4000XLI-017

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
logo
MOSAIC
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com