Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMA68S4000XLI-017 Datasheet(PDF) 5 Page - MOSAIC

Part # PUMA68S4000XLI-017
Description  128 K x 32 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA68S4000XLI-017 Datasheet(HTML) 5 Page - MOSAIC

  PUMA68S4000XLI-017 Datasheet HTML 1Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 2Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 3Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 4Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 5Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 6Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 7Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 8Page - MOSAIC PUMA68S4000XLI-017 Datasheet HTML 9Page - MOSAIC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Issue 5.1 April 2001
PAGE 5
Read Cycle
Write Cycle
10
12
15
17
Parameter
Symbol
Min Max
Min
Max
Min
Max
Min
Max Units
Read Cycle Time
tRC
10
-
12
-
15
-
17
-
ns
Address Access Time
tAA
-
10
-
12
-
15
-
17
ns
Chip Select Access Time
tACS
-
10
-
12
-
15
-
17
ns
Output Enable to Output Valid
tOE
-
5
-
6
-
7
-
8
ns
Output Hold From Address Change
tOH
2
-
3
-
3
-
3
-
ns
Chip Selection to Output in Low Z
tCLZ
3
-
3
-
3
-
3
-
ns
Output Enable to Output in Low Z
tOLZ
0
-
0
-
0
-
0
-
ns
Chip Deselection to Output in High Z
tCHZ
0
5
0
6
0
8
0
9
ns
Output Disable to Output in High Z
tOHZ
0
4
0
5
0
7
0
8
ns
10
12
15
17
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max Units
Write Cycle Time
tWC
10
-
12
-
15
-
17
-
ns
Chip Selection to End of Write
tCW
9
-
10
-
12
-
15
-
ns
Address Valid to End of Write
tAW
9
-
10
-
12
-
15
-
ns
Address Setup Time
tAS
0
-
0
-
0
-
0
-
ns
Write Pulse Width
tWP
8
-
9
-
10
-
12
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
0
-
ns
Data to Write Time Overlap
tDW
6
-
7
-
9
-
12
-
ns
Output Active from End of Write
tOW
0
-
0
-
0
-
0
-
ns
Data Hold time from Write Time
tDH
0
-
0
-
0
-
0
-
ns
Write to Output in High Z
tWHZ
-
5
-
6
-
7
-
8
ns
Under Development


Similar Part No. - PUMA68S4000XLI-017

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-025 MOSAIC-PUMA68S16000X-025 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-015 MOSAIC-PUMA68S16000XB-015 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-017 MOSAIC-PUMA68S16000XB-017 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
More results

Similar Description - PUMA68S4000XLI-017

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
logo
MOSAIC
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com