Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMA68S16000XBI-25 Datasheet(PDF) 8 Page - MOSAIC

Part # PUMA68S16000XBI-25
Description  512 K x 32 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA68S16000XBI-25 Datasheet(HTML) 8 Page - MOSAIC

Back Button PUMA68S16000XBI-25 Datasheet HTML 4Page - MOSAIC PUMA68S16000XBI-25 Datasheet HTML 5Page - MOSAIC PUMA68S16000XBI-25 Datasheet HTML 6Page - MOSAIC PUMA68S16000XBI-25 Datasheet HTML 7Page - MOSAIC PUMA68S16000XBI-25 Datasheet HTML 8Page - MOSAIC PUMA68S16000XBI-25 Datasheet HTML 9Page - MOSAIC PUMA68S16000XBI-25 Datasheet HTML 10Page - MOSAIC PUMA68S16000XBI-25 Datasheet HTML 11Page - MOSAIC PUMA68S16000XBI-25 Datasheet HTML 12Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Issue 5.2 April 2001
PAGE 8
Write Cycle 2
(/OE = Low Fixed)
/CS
Address
Data In
Data Out
t
WC
tAW
t
WR(5)
t
CW(3)
t
AS(4)
t
WP(2)
tWHZ(6)
High Z
High Z(8)
/WE
Valid Data
t
DW
t
DH
t
OW
(10)
(9)
NOTES(WRITE CYCLE)
1. All write cycle timing is referenced from the last valid address to the first transition address.
2. A write occurs during the overlap of a low /CS and /WE. A write begins at the latest transition /CS going low and /WE going low ;
A write ends at the earliest transition /CS going high or /WE going high. tWP is measured from the beginning of write to the end of
write.
3. tCW is measured from the later of /CS going low to end of write.
4. tAS is measured from the address valid to the beginning of write.
5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS or /WE going high.
6. If OE, /CS and /WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase
of the output must not be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
8. If /CS goes low simultaneously with /WE going or after /WE going low, the outputs remain high impedance state.
9. Dout is the read data of the new address.
10.When /CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be
applied.
11./CS=/CS1~4


Similar Part No. - PUMA68S16000XBI-25

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S16000XBI-012 MOSAIC-PUMA68S16000XBI-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XBI-015 MOSAIC-PUMA68S16000XBI-015 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XBI-017 MOSAIC-PUMA68S16000XBI-017 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
More results

Similar Description - PUMA68S16000XBI-25

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com