Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP10NK70ZFP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP10NK70ZFP
Description  N-CHANNEL 700V - 0.75廓 - 8.6A - TO220-TO220FP Zener-Protected SuperMESH??MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK70ZFP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP10NK70ZFP_07 Datasheet HTML 3Page - STMicroelectronics STP10NK70ZFP_07 Datasheet HTML 4Page - STMicroelectronics STP10NK70ZFP_07 Datasheet HTML 5Page - STMicroelectronics STP10NK70ZFP_07 Datasheet HTML 6Page - STMicroelectronics STP10NK70ZFP_07 Datasheet HTML 7Page - STMicroelectronics STP10NK70ZFP_07 Datasheet HTML 8Page - STMicroelectronics STP10NK70ZFP_07 Datasheet HTML 9Page - STMicroelectronics STP10NK70ZFP_07 Datasheet HTML 10Page - STMicroelectronics STP10NK70ZFP_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STP10NK70Z - STP10NK70ZFP
2 Electrical characteristics
7/13
Figure 13. Source-drain Diode Forward
Characteristics
Figure 14. Normalized BVDSS vs Temperature
Figure 15. Maximum Avalanche Energy vs
Temperature


Similar Part No. - STP10NK70ZFP_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK70ZFP STMICROELECTRONICS-STP10NK70ZFP Datasheet
384Kb / 10P
   N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
logo
Inchange Semiconductor ...
STP10NK70ZFP ISC-STP10NK70ZFP Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STP10NK70ZFP_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK70Z STMICROELECTRONICS-STP10NK70Z Datasheet
384Kb / 10P
   N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
STD2NK70Z STMICROELECTRONICS-STD2NK70Z_06 Datasheet
457Kb / 16P
   N-channel 700V - 6廓 - 1.6 A - DPAK/IPAK Zener protected SuperMESH??Power MOSFET
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
   N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
STW20NK70Z STMICROELECTRONICS-STW20NK70Z Datasheet
129Kb / 6P
   N-CHANNEL 700V - 0.25W - 20A TO-247 Zener-Protected SuperMESH TM Power MOSFET
STD2NK60Z STMICROELECTRONICS-STD2NK60Z Datasheet
762Kb / 16P
   Zener-Protected SuperMESH MOSFET
STW18NK80Z STMICROELECTRONICS-STW18NK80Z_06 Datasheet
269Kb / 14P
   N-channel 800V - 0.34廓 - 19A - TO-247 Zener-protected SuperMESH??Power MOSFET
STW13NK80Z STMICROELECTRONICS-STW13NK80Z_05 Datasheet
269Kb / 14P
   N-channel 800V - 0.53廓 - 12A - TO-247 Zener-protected SuperMESH??Power MOSFET
STW13NK80Z STMICROELECTRONICS-STW13NK80Z_06 Datasheet
269Kb / 14P
   N-channel 800V - 0.53廓 - 12A - TO-247 Zener-protected SuperMESH??Power MOSFET
logo
MagnaChip Semiconductor...
MMD70R750P MGCHIP-MMD70R750P Datasheet
1Mb / 10P
   700V 0.75(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com