Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLU2908PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLU2908PBF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU2908PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLU2908PBF Datasheet HTML 1Page - International Rectifier IRLU2908PBF Datasheet HTML 2Page - International Rectifier IRLU2908PBF Datasheet HTML 3Page - International Rectifier IRLU2908PBF Datasheet HTML 4Page - International Rectifier IRLU2908PBF Datasheet HTML 5Page - International Rectifier IRLU2908PBF Datasheet HTML 6Page - International Rectifier IRLU2908PBF Datasheet HTML 7Page - International Rectifier IRLU2908PBF Datasheet HTML 8Page - International Rectifier IRLU2908PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
12/7/04
www.irf.com
1
IRLR2908PbF
IRLU2908PbF
HEXFET® Power MOSFET
Description
Specifically designed for Automotive applications, this HEXFET ® Power MOSFET
utilizes the latest processing techniques to achieve extremely low on-resistance per silicon
area. Additional features of this HEXFET power MOSFET are a 175°C junction operating
temperature, low R
θJC, fast switching speed and improved repetitive avalanche rating.
These features combine to make this design an extremely efficient and reliable device for
use in Automotive applications and a wide variety of other applications.\
The D-Pak is designed for surface mounting using vapor phase, infrared, or wave
soldering techniques. The straight lead version (IRFU series) is for through-hole mounting
applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount
applications.
S
D
G
VDSS = 80V
RDS(on) = 28mΩ
ID = 30A
D-Pak
IRLR2908
AUTOMOTIVE MOSFET
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dynamic dv/dt Rating
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
PD - 95552A
I-Pak
IRLU2908
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (See Fig. 9)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
i
IAR
Avalanche Current
™
A
EAR
Repetitive Avalanche Energy
h
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.3
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
–––
40
RθJA
Junction-to-Ambient
–––
110
120
0.77
± 16
180
250
See Fig.12a,12b,15,16
Max.
39
28
150
30
300 (1.6mm from case )
-55 to + 175
2.3
l
Lead-Free


Similar Part No. - IRLU2908PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU2908PBF IRF-IRLU2908PBF Datasheet
340Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRLU2908PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com