Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QESM01 Datasheet(PDF) 2 Page - TEMEX

Part # QESM01
Description  SMD 7.0x5.0 Crystal - Ceramic SMD packaged
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QESM01 Datasheet(HTML) 2 Page - TEMEX

  QESM01 Datasheet HTML 1Page - TEMEX QESM01 Datasheet HTML 2Page - TEMEX QESM01 Datasheet HTML 3Page - TEMEX QESM01 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QESM01
SMD 7.0x5.0 Crystal – Ceramic SMD packaged
Specification (rev-D)
July 11
th, 2006
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Electrical Characteristics
Electrical Parameters
Unit Minimum Typical Maximum
Test conditions
Frequency range
MHz
7.3728
100
Frequency Tolerance (at 25°C) ± ppm
10
30
50
Refer to Ordering Information
Temperature Stability
± ppm
10
30
50
Refer to Ordering Information
Operating Temperature Range
°C
-20/+70
-40/+85
Refer to Ordering Information
Storage temperature range
°C
-40
+85
Shunt capacitance C0
pF
7.0
Load capacitance
pF
10pF ~ 32pF or series
Refer to Ordering Information
Drive level
µW
10
100
300
Aging (First Year)
± ppm
5
Ref at 25°C
Insulator resistance
MΩ
500
At 100VDC
Customized specification upon request
ESR vs. frequency range and Mode of vibration
Mechanical Characteristics
H = 1.1 mm max
Note 1 : QESM01 is fully RoHS
compliant.
Marking for QESM06
Line 1
Manuf code +Temex
code (6 digits)
Line 2
Frequency in MHz
(6digits)
Mechanical conditions
Vibration 10g, 10Hz to 2KHz
according to standard
CEI 68-2-63
Shocks
100g, 6ms according
to standard CEI 68-2-
27
Top view
Suggested pad
Frequency range
(MHz)
Mode of vibration Max ESR (Ω)
Frequency range
(MHz)
Mode of vibration Max ESR (Ω)
7.3728 to 8.999
Fund. / AT
100
12.000 to 15.999
Fund. / AT
60
9.0000 to 9.999
Fund. / AT
90
16.000 to 39.999
Fund. / AT
40
10.000 to 19.999
Fund. / AT
80
40.000 to 83.999
3
rd / AT
70
11.000 to 11.999
Fund. / AT
70
84.000 to 100.00
3
rd / AT
60


Similar Part No. - QESM01

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM012 TEMEX-QESM012 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD 2 pads packaged
More results

Similar Description - QESM01

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM012 TEMEX-QESM012 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD 2 pads packaged
QESM05 TEMEX-QESM05 Datasheet
571Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD packaged
QESM04 TEMEX-QESM04 Datasheet
583Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD packaged
QESM07 TEMEX-QESM07 Datasheet
463Kb / 4P
   SMD 3.2x2.5 Crystal -Ceramic SMD packaged
QESM06 TEMEX-QESM06 Datasheet
439Kb / 4P
   SMD 4.0x2.5 Crystal - Ceramic SMD packaged
logo
TAI-SAW TECHNOLOGY CO.,...
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
   SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TZ0995A TAI-SAW-TZ0995A Datasheet
176Kb / 5P
   SMD 7.0x5.0 8.192MHz Crystal Unit
REV. NO.: 1
TZ1151A TAI-SAW-TZ1151A Datasheet
173Kb / 5P
   SMD 7.0x5.0 11.0592MHz Crystal Unit
REV. NO.: 1
TW0185A TAI-SAW-TW0185A Datasheet
369Kb / 7P
   SMD 7.0x5.0 33.333MHz Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com