Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65167 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS65167
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS65167_07 Datasheet HTML 26Page - Texas Instruments TPS65167_07 Datasheet HTML 27Page - Texas Instruments TPS65167_07 Datasheet HTML 28Page - Texas Instruments TPS65167_07 Datasheet HTML 29Page - Texas Instruments TPS65167_07 Datasheet HTML 30Page - Texas Instruments TPS65167_07 Datasheet HTML 31Page - Texas Instruments TPS65167_07 Datasheet HTML 32Page - Texas Instruments TPS65167_07 Datasheet HTML 33Page - Texas Instruments TPS65167_07 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
www.ti.com
VINB
D1
SL22
L1
10uH
Vin
6Vto14V
C8
47pF
R2
30kW
R1
365kW
FB
Vs
15V/1.7A
C4
10uF
C7
10uF
C6
10uF
SUPN
AVIN
PGND
REGOUT
COMP
HVS
GDLY
FBB
SWB
POUT
FBP
VGH
DRN
Vlogic
BOOT
R4
300kW
R5
16kW
VGH
24V/50mA
FBN
DRVN
D3
D4
R7
160kW
R8
39kW
C16
2.2uF
CTRL
VGL
–5V/150mA
Vlogic
3.3V/2.5A
L2
10uH
12
1
38
9
30
25
27
24
13
11
10
14
37
6
32
33
36
35
31
RHVS
SWB
FBLDO
Vaux
1.5V/500mA
40
34
5
EN
26
C1P
C1N
C2P
C2N
15
16
39
28
20
29
21
22
23
7
2
4
8
3
17
18
19
C1
22uF
C2
1uF
C3
10uF
C11
1uF
C9
0.33uF
C12
22nF
C13
10nF
C14
100nF
C15
0.33uF
C20
0.33uF
C18
22uF
C21
220nF
C22
1uF
C23
22uF
D2
SL22
C10
1uF
Q2
PZT2907A
R3
82kW
R6
0W
R11
1.6kW
R12
6.8kW
R13
1kW
C5
1uF
C24
10uF
Q1
SI2343
C19
22uF
R14
1kW
C2
1nF
Temperature
Output
CTRL
Signal
C24
1nF
C25
100pF
TPS65167
R16
100W
C25
10uF
C26
10uF
C27
10uF
C28
470nF
TPS65167
TPS65167A
SLVS760B – APRIL 2007 – REVISED OCTOBER 2007
Figure 31. Typical Application With 3.3V Fixed Output Voltage Step Down Converter
30
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS65167 TPS65167A


Similar Part No. - TPS65167_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65167RHAR TI-TPS65167RHAR Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167RHARG4 TI-TPS65167RHARG4 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167RHAT TI-TPS65167RHAT Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167RHATG4 TI-TPS65167RHATG4 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
More results

Similar Description - TPS65167_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com