Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51125 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51125
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51125 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS51125 Datasheet HTML 21Page - Texas Instruments TPS51125 Datasheet HTML 22Page - Texas Instruments TPS51125 Datasheet HTML 23Page - Texas Instruments TPS51125 Datasheet HTML 24Page - Texas Instruments TPS51125 Datasheet HTML 25Page - Texas Instruments TPS51125 Datasheet HTML 26Page - Texas Instruments TPS51125 Datasheet HTML 27Page - Texas Instruments TPS51125 Datasheet HTML 28Page - Texas Instruments TPS51125 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
www.ti.com
Current Protection
24
9
trip
trip
trip
R ( k
) I
( A )
V ( mV )
( mV )
m
W ´
=
-
(3)
2
ocp
trip
dson
ripple
I
V
R
I
=
+
(4)
1
2
trip
IN
OUT
OUT
dson
IN
V
(V
V
) V
R
L
f
V
-
´
=
+
´
´ ´
(5)
Over/Under Voltage Protection
TPS51125
SLUS786A – OCTOBER 2007 – REVISED NOVEMBER 2007
TPS51125 has cycle-by-cycle over current limiting control. The inductor current is monitored during the ‘OFF’
state and the controller keeps the ‘OFF’ state during the inductor current is larger than the over current trip level.
In order to provide both good accuracy and cost effective solution, TPS51125 supports temperature
compensated MOSFET RDS(on) sensing. ENTRIPx pin should be connected to GND through the trip voltage
setting resistor, RTRIP. ENTRIPx terminal sources ITRIP current, which is 10 µA typically at room temperature, and
the trip level is set to the OCL trip voltage VTRIP as below. Note that the VTRIP is limited up to about 205 mV
internally.
The inductor current is monitored by the voltage between GND pin and LLx pin so that LLx pin should be
connected to the drain terminal of the bottom MOSFET properly. Itrip has 4500 ppm/
°C temperature slope to
compensate the temperature dependency of the RDS(on). GND is used as the positive current sensing node so
that GND should be connected to the proper current sensing device, i.e. the source terminal of the bottom
MOSFET.
As the comparison is done during the ‘OFF’ state, VTRIP sets valley level of the inductor current. Thus, the load
current at over current threshold, IOCP, can be calculated as follows;
In an over current condition, the current to the load exceeds the current to the output capacitor thus the output
voltage tends to fall down. Eventually, it ends up with crossing the under voltage protection threshold and
shutdown both channels.
TPS51125 monitors a resistor divided feedback voltage to detect over and under voltage. When the feedback
voltage becomes higher than 115% of the target voltage, the OVP comparator output goes high and the circuit
latches as the top MOSFET driver OFF and the bottom MOSFET driver ON.
Also, TPS51125 monitors VOx voltage directly and if it becomes greater than 5.75 V the TPS51125 turns off the
top MOSFET driver.
When the feedback voltage becomes lower than 60% of the target voltage, the UVP comparator output goes
high and an internal UVP delay counter begins counting. After 32
µs, TPS51125 latches OFF both top and
bottom MOSFETs drivers, and shut off both drivers of another channel. This function is enabled after 2 ms
following ENTRIPx has become high.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TPS51125


Similar Part No. - TPS51125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51125 TI1-TPS51125 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51125 TI1-TPS51125 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51125ARGER TI1-TPS51125ARGER Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results

Similar Description - TPS51125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
   Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com