Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79C12 Datasheet(PDF) 2 Page - First Components International

Part # BZX79C12
Description  1/2 Watt ZENER DIODES (2.4V to 75V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BZX79C12 Datasheet(HTML) 2 Page - First Components International

  BZX79C12 Datasheet HTML 1Page - First Components International BZX79C12 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
75
50
25
15
10
5.0
3.0
2.0
1.0
3.0
2.0
1.0
0.7
0.5
0.2
0.1
0.1
0.1
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
100
100
95
95
90
90
90
80
60
40
10
15
15
15
15
20
20
25
30
30
40
45
55
55
70
80
80
80
90
130
150
170
180
200
215
240
255
Typ. Capacitance
V
R = 0, f = 1MHz
Data Sheet
NOTES: 1. The Zener Voltage is measured under pulse conditions so that T
J is no more than 2
o
C greater
than T
A.
2. Part numbers have max / min Zener Voltage as listed. Tolerance of 2% is designated by
a “B” in place of the “C”, and 1% by an “A”.
3. The Zener Impedance is measured by dividing the AC voltage drop across the device
by the AC current applied. The specified limits are for I
Z(ac) = 0.1 IZ(dc) with the ac
frequency = 1.0kHz.
Minimum
V
Z (V)
Max. Reverse Leakage
Current @
V
R
2.2
2.5
2.8
3.1
3.4
3.7
4.0
4.4
4.8
5.2
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28.0
31.0
34.0
37.0
40.0
44.0
48.0
52.0
58.0
64.0
70.0
Max. Zener
Impedance (3)
Z
ZT @ IZT (Ω)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
4.0
4.0
5.0
5.0
6.0
7.0
8.0
8.0
8.0
10.5
11.2
12.6
14
15.4
16.8
18.9
21
23.1
25.2
27.3
30.1
32.9
35.7
39.2
43.4
47.6
52.5
255
230
215
200
185
175
160
130
110
95
90
85
80
75
70
70
65
65
60
55
52
47
36
34
33
30
27
25
23
21
21
19
19
18
17
17
16.5
Part #
V
R (V)
Electrical Characteristics @ 25OC.
BZX79C2V4
BZX79C2V7
BZX79C3V0
BZX79C3V3
BZX79C3V6
BZX79C3V9
BZX79C4V3
BZX79C4V7
BZX79C5V1
BZX79C5V6
BZX79C6V2
BZX79C6V8
BZX79C7V5
BZX79C8V2
BZX79C9V1
BZX79C10
BZX79C11
BZX79C12
BZX79C13
BZX79C15
BZX79C16
BZX79C18
BZX79C20
BZX79C22
BZX79C24
BZX79C27
BZX79C30
BZX79C33
BZX79C36
BZX79C39
BZX79C43
BZX79C47
BZX79C51
BZX79C56
BZX79C62
BZX79C68
BZX79C75
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
C
D (pF)
1/2 Watt ZENER DIODES
(2.4V to 75V)
Maximum
V
Z (V)
2.6
2.9
3.2
3.5
3.8
4.1
4.6
5.0
5.4
6.0
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32.0
35.0
38.0
41.0
46.0
50.0
54.0
60.0
66.0
72.0
79.0
Zener Voltage @
I
ZT (1)
Test
Current
I
ZT (mA)
I
R (µA)
0
0
0
0
0
0.3
1.0
0.2
1.2
2.5
3.7
4.5
5.3
6.2
7.0
8.0
9.0
10
11
13
14
16
18
20
22
23.5
26
29
31
34
37
40
44
47
51
56
60
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-2.7
-2.0
0.4
1.2
2.5
3.2
3.8
4.5
5.4
6.0
7.0
9.2
10.4
12.9
14.4
16.4
18.4
Typ. Temp.
Coef. (mV/oC)
Max.
Min.
Page 12-8


Similar Part No. - BZX79C12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C12 FAIRCHILD-BZX79C12 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C12 CDIL-BZX79C12 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Fairchild Semiconductor
BZX79C12 FAIRCHILD-BZX79C12 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C12 NJSEMI-BZX79C12 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C12 EIC-BZX79C12 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C12

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
SOTZ FCI-SOTZ Datasheet
88Kb / 2P
   2.4V to 20V SOT 23 ZENER DIODES (1/4 Watt)
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
   150mW Surface Mount Zener Diodes-2.4V-75V
logo
First Components Intern...
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
   쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com