Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMXW356 Datasheet(PDF) 5 Page - TEMEX

Part No. TMXW356
Description  SAW Bandpass Filter - LMR - RF
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMEX [TEMEX]
Homepage  http://www.temex.com
Logo 

TMXW356 Datasheet(HTML) 5 Page - TEMEX

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TMX W356
SAW Bandpass Filter – LMR - RF
Specification (Rev.1)- RF
Specification (Rev 1)
September 25
th, 2005
4
Maximum Ratings
Storage Temperature Range
°C
[-40°C ; +85°C]
Operating temperature
°C
[-30°C ; +70°C]
DC voltage
V
3
Input Power
dBm
7
Marking
LINE 1
LINE 2
Line 1: "NNNN" is the reference to Temex Part number with only the last 4 digits
Line 2: RYWWZZ is the date code as:
R: Partner identifier.
Y: last digit of the year.
WW: number of week in the year
ZZ: Lot number in the week (from AA to ZZ).
Packaging
Scanning Orientation
3
1 – Temex Label
2 – ESD Prevention Label
3 – Pb Free Label


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn