Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMXW356 Datasheet(PDF) 3 Page - TEMEX

Part No. TMXW356
Description  SAW Bandpass Filter - LMR - RF
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMEX [TEMEX]
Homepage  http://www.temex.com
Logo 

TMXW356 Datasheet(HTML) 3 Page - TEMEX

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX W356
SAW Bandpass Filter – LMR - RF
Specification (Rev.1)- RF
Specification (Rev 1)
September 25
th, 2005
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single)
Ohms
-
50
-
Load Impedance (single)
Ohms
-
50
-
Center Frequency fc
MHz
-
815.5
-
Bandwidth at -3dB
MHz
19
-
-
Absolute Attenuation
851 MHz to 866 MHz
dB
40
46
-
935 MHz to 940 MHz
dB
35
68
-
960.65 MHz to 979.65 MHz
dB
35
65
-
1115.3 MHz to 1134.3 MHz
dB
37
64
-
1269.95 MHz to 1288.95 MHz
dB
40
62
-
1612 MHz to 1650 MHz
dB
35
68
-
1650 MHz to 2600 MHz
dB
25
38
-
Insertion Loss within 806 MHz – 825 MHz
dB
-
2.6
3.5
Group Delay ripple within 806 MHz – 825 MHz
ns
-
18
50
Input / Output VSWR within 806 MHz – 825 MHz
-
1.7
2.0
Matching Network
Input
50
Single
Output
50
Single
GND


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn