Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMXW348 Datasheet(PDF) 2 Page - TEMEX

Part # TMXW348
Description  SAW Bandpass Filter - US PCS Tx - RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW348 Datasheet(HTML) 2 Page - TEMEX

  TMXW348 Datasheet HTML 1Page - TEMEX TMXW348 Datasheet HTML 2Page - TEMEX TMXW348 Datasheet HTML 3Page - TEMEX TMXW348 Datasheet HTML 4Page - TEMEX TMXW348 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TMX W348
SAW Bandpass Filter – US PCS Tx - RF
Specification (Rev.1)- RF
Specification (Rev 1)
September 25
th, 2005
1
Features
q
Tx SAW Filter for US PCS
q
1880 MHz Center Frequency
q
60 MHz useable Passband
q
50 Ohms Single Configuration
q
Ceramic package for Surface Mounted Technology
Package Drawing & Pin out
The product is in conformance with the European RoHs Regulation 2002/95.
Pin Configuration
Input
B
Output
E
Case ground
A, C, D, F


Similar Part No. - TMXW348

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW341 TEMEX-TMXW341 Datasheet
379Kb / 3P
   SAW Passband Filter - REMOTE CONTROL - RF
TMXW345 TEMEX-TMXW345 Datasheet
274Kb / 5P
   SAW Bandpass Filter - Satellite Receiver - IF
TMXW346 TEMEX-TMXW346 Datasheet
260Kb / 5P
   SAW Bandpass Filter - Satellite Receiver - IF
TMXW347 TEMEX-TMXW347 Datasheet
271Kb / 5P
   SAW Bandpass Filter - GPS - RF
TMXW349 TEMEX-TMXW349 Datasheet
307Kb / 5P
   SAW Bandpass Filter - US PCS Rx - RF
More results

Similar Description - TMXW348

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA1880AM TRANSKO-TA1880AM Datasheet
403Kb / 4P
   US-PCS, RF-Tx SAW Filter
Revision 0:
logo
Oscilent Corporation
802-RF1880.0M-A OSCILENT-802-RF1880.0M-A Datasheet
379Kb / 3P
   US-PCS, RF-Tx SAW Filter
logo
TEMEX
TMXW349 TEMEX-TMXW349 Datasheet
307Kb / 5P
   SAW Bandpass Filter - US PCS Rx - RF
TMXW350 TEMEX-TMXW350 Datasheet
254Kb / 5P
   SAW Bandpass Filter - K-PCS Tx - RF
logo
Transko Electronics, In...
TA1960JM TRANSKO-TA1960JM Datasheet
478Kb / 4P
   US-PCS, RF-Rx SAW Filter
Revision 0: August 2012
TA1960AM TRANSKO-TA1960AM Datasheet
398Kb / 4P
   US-PCS, RF-Rx SAW Filter
Revision 0:
logo
Oscilent Corporation
861-RF1960.0M-B OSCILENT-861-RF1960.0M-B Datasheet
401Kb / 3P
   US-PCS Rx, Balanced RF SAW Filter
logo
Transko Electronics, In...
TA1960BL1 TRANSKO-TA1960BL1 Datasheet
437Kb / 4P
   US-PCS Rx, Balanced RF SAW Filter
Revision 0:
logo
Oscilent Corporation
802-RF1765.0M-D OSCILENT-802-RF1765.0M-D Datasheet
463Kb / 3P
   K-PCS, RF-Tx SAW Filter
logo
Transko Electronics, In...
TA1960CM3 TRANSKO-TA1960CM3 Datasheet
399Kb / 3P
   US-PCS, Balanced RF-Rx SAW Filter
Revision 0: July 2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com