Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMXW312 Datasheet(PDF) 5 Page - TEMEX

Part No. TMXW312
Description  SAW Bandpass Filter -GPS - RF
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMEX [TEMEX]
Homepage  http://www.temex.com
Logo 

TMXW312 Datasheet(HTML) 5 Page - TEMEX

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TMX W312
SAW Bandpass Filter – GPS – RF
Specification (Rev 4)
September 25
th, 2005
4
Maximum Ratings
Operating Temperature Range
°C
[-40°C ; +85°C]
Storage Temperature Range
°C
[-40°C ; +85°C]
DC voltage between any two pins
V
5
Input Power Level
dBm
10
Marking
LINE 1
LINE 2
Line 1: “P C” with P for the code product identification and C for the partner identifier
Line 2: “Y W” with Y for the last digit of the year and W for the week code (A to Z for the week 1 to 26 and a to z for the
week 27 to 52.
Packaging
1.
Temex label
2.
ESD Prevention label
3.
Pb free label (if applicable)
Scanning Orientation
3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn