Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9211-ABZJ Datasheet(PDF) 97 Page - SMSC Corporation

Part # LAN9211-ABZJ
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211-ABZJ Datasheet(HTML) 97 Page - SMSC Corporation

Back Button LAN9211-ABZJ Datasheet HTML 93Page - SMSC Corporation LAN9211-ABZJ Datasheet HTML 94Page - SMSC Corporation LAN9211-ABZJ Datasheet HTML 95Page - SMSC Corporation LAN9211-ABZJ Datasheet HTML 96Page - SMSC Corporation LAN9211-ABZJ Datasheet HTML 97Page - SMSC Corporation LAN9211-ABZJ Datasheet HTML 98Page - SMSC Corporation LAN9211-ABZJ Datasheet HTML 99Page - SMSC Corporation LAN9211-ABZJ Datasheet HTML 100Page - SMSC Corporation LAN9211-ABZJ Datasheet HTML 101Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 144 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9211
97
Revision 1.8 (06-06-07)
DATASHEET
5.3.18
FREE_RUN—Free-Run 25MHz Counter
This register reflects the value of the free-running 25MHz counter.
5.3.19
RX_DROP– Receiver Dropped Frames Counter
This register indicates the number of receive frames that have been dropped.
Offset:
9Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Free Running SCLK Counter (FR_CNT):
Note:
This field reflects the value of a free-running 32-bit counter. At reset
the counter starts at zero and is incremented for every 25MHz
cycle. When the maximum count has been reached the counter will
rollover. Since the bus interface is 16-bits wide, and this is a 32-bit
counter, the count value is latched on the first read. The
FREE_RUN counter can take up to 160nS to clear after a reset
event.
Note:
This counter will run regardless of the power management states
D0, D1 or D2.
RO
-
Offset:
A0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-0
RX Dropped Frame Counter (RX_DFC). This counter is incremented every
time a receive frame is dropped. RX_DFC is cleared on any read of this
register.
An interrupt can be issued when this counter passes through its halfway
point (7FFFFFFFh to 80000000h).
RC
00000000h


Similar Part No. - LAN9211-ABZJ

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9211-ABZJ SMSC-LAN9211-ABZJ Datasheet
1Mb / 147P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
More results

Similar Description - LAN9211-ABZJ

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9211_0711 SMSC-LAN9211_0711 Datasheet
1Mb / 146P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9210 SMSC-LAN9210 Datasheet
4Mb / 146P
   Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
LAN9211 SMSC-LAN9211_12 Datasheet
1Mb / 147P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9210 SMSC-LAN9210_12 Datasheet
2Mb / 147P
   Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com